Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC12F510-E/SP Datasheet(PDF) 91 Page - Microchip Technology

Part # PIC12F510-E/SP
Description  8/14-Pin, 8-Bit Flash Microcontroller
PDF  114 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC12F510-E/SP Datasheet(HTML) 91 Page - Microchip Technology

Back Button PIC12F510-E/SP Datasheet HTML 87Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 88Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 89Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 90Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 91Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 92Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 93Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 94Page - Microchip Technology PIC12F510-E/SP Datasheet HTML 95Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 114 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS41268B-page 89
PIC12F510/16F506
TABLE 13-1:
COMPARATOR SPECIFICATIONS
TABLE 13-2:
COMPARATOR VOLTAGE REFERENCE (VREF) SPECIFICATIONS
TABLE 13-3:
A/D CONVERTER CHARACTERISTICS (PIC12F510/16F506)
Sym
Characteristics
Min
Typ
Max
Units
Comments
VOS
Input Offset Voltage
—
±3
±10
mV
VCM
Input Common Mode Voltage
0
—
VDD – 1.5
V
CMRR
Common Mode Rejection Ratio
+55*
—
—
dB
TRT
Response Time(1)
—
150
400*
ns
Internal
VIVRF
Internal Voltage Reference
0.550
0.6
0.650
V
*
These parameters are characterized but not tested.
Note 1:
Response time measured with one comparator input at (VDD – 1.5)/2, while the other input transitions
from VSS to VDD – 1.5V.
Sym
Characteristics
Min
Typ
Max
Units
Comments
CVRES
Resolution
—
—
VDD/24*
VDD/32
—
—
LSb
LSb
Low Range (VRR = 1)
High Range (VRR = 0)
Absolute Accuracy
—
—
—
—
±1/4*
±1/2*
LSb
LSb
Low Range (VRR = 1)
High Range (VRR = 0)
Unit Resistor Value (R)
—
—
2K*
—
Ω
Settling Time(1)
——
10*
μs
*
These parameters are characterized but not tested.
Note 1:
Settling time measured while VRR = 1 and VR<3:0> transitions from 0000 to 1111.
Param
No.
Sym
Characteristic
Min
Typ†
Max
Units
Conditions
A01
NR
Resolution
—
—
8 bits
bit
A03
EIL
Integral Error
—
—
± 1
LSb
VDD = 5.0V
A04
EDL
Differential Error
—
—
-1 < EDL
≤ 1 LSb No missing codes to 8
bits VDD = 5.0V
A05
EFS
Full-scale Range
2
—
5.5*
V
VDD
A06
EOFF
Offset Error
—
—
± 1
LSb
VDD = 5.0V
A07
EGN
Gain Error
—
—
± 1
LSb
VDD = 5.0V
A10
—
Monotonicity
—
guaranteed(2)
——
VSS
≤ VAIN ≤ VDD
A25
VAIN
Analog Input Voltage
VSS
—VDD
V
A30
ZAIN
Recommended Impedance
of Analog Voltage Source
——
10
k
Ω
*
These parameters are characterized but not tested.
† Data in the “Typ” column is at 5.0V, 25°C unless otherwise stated. These parameters are for design
guidance only are not tested.
Note 1:
Total Absolute Error includes integral, differential, offset and gain errors.
2:
The A/D conversion result never decreases with an increase in the input voltage and has no missing
codes.
3:
VREF current is from external VREF or VDD pin, whichever is selected as reference input.
4:
When A/D is off, it will not consume any current other than leakage current. The power-down current
specification includes any such leakage from the A/D module.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com