Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2171 Datasheet(PDF) 21 Page - Microchip Technology

Part # MIC2171
Description  100 kHz, 2.5A Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2171 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MIC2171 Datasheet HTML 16Page - Microchip Technology MIC2171 Datasheet HTML 17Page - Microchip Technology MIC2171 Datasheet HTML 18Page - Microchip Technology MIC2171 Datasheet HTML 19Page - Microchip Technology MIC2171 Datasheet HTML 20Page - Microchip Technology MIC2171 Datasheet HTML 21Page - Microchip Technology MIC2171 Datasheet HTML 22Page - Microchip Technology MIC2171 Datasheet HTML 23Page - Microchip Technology MIC2171 Datasheet HTML 24Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006355A-page 21
MIC2171
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a) MIC2171WT:
100 kHz, 2.5A Switching Regulator,
–40°C to +85°C Ambient
Temperature Range, 5-Lead TO-220
Package, 50/Tube
b) MIC2171WU:
100 kHz, 2.5A Switching Regulator,
–40°C to +85°C Ambient
Temperature Range, 5-Lead TO-263
Package, 50/Tube
c) MIC2171WU-TR:
100 kHz, 2.5A Switching Regulator,
–40°C to +85°C Ambient
Temperature Range, 5-Lead TO-263
Package, 750/Reel
PART NO.
XX
Package
Device
Device:
MIC2171: 100 kHz, 2.5A Switching Regulator
Ambient
Temperature Range:
W
=
–40°C to +85°C
Package:
T
=
5-Lead TO-220 (RoHS Compliant)
U
=
5-Lead TO-263 (RoHS Compliant)
Media Type:
<blank>
= 50/Tube (TO-220 Package)
<blank>
= 50/Tube (TO-263 Package)
TR
= 750/Reel
X
Ambient
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This identifier is
used for ordering purposes and is not printed on
the device package. Check with your Microchip
Sales Office for package availability with the
Tape and Reel option.
–XX
Media Type
Temperature
Range
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com