Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC2171 Datasheet(PDF) 13 Page - Microchip Technology

Part # MIC2171
Description  100 kHz, 2.5A Switching Regulator
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC2171 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MIC2171 Datasheet HTML 9Page - Microchip Technology MIC2171 Datasheet HTML 10Page - Microchip Technology MIC2171 Datasheet HTML 11Page - Microchip Technology MIC2171 Datasheet HTML 12Page - Microchip Technology MIC2171 Datasheet HTML 13Page - Microchip Technology MIC2171 Datasheet HTML 14Page - Microchip Technology MIC2171 Datasheet HTML 15Page - Microchip Technology MIC2171 Datasheet HTML 16Page - Microchip Technology MIC2171 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006355A-page 13
MIC2171
EQUATION 5-14:
Use a 12 µH primary inductance to overcome circuit
inefficiencies.
To complete the design, the inductance value of the
secondary winding must be calculated, so it will ensure
that the energy stored in the transformer during the
power switch on time will be completed discharged into
the output during the off time; this is necessary when
operating in discontinuous mode.
EQUATION 5-15:
Then:
EQUATION 5-16:
Finally, recalculate the transformer turns ratio to ensure
that it is less than the value found earlier by using
Equation 5-11.
EQUATION 5-17:
Then:
EQUATION 5-18:
This ratio is less than the ratio calculated in
Equation 5-11. When selecting the transformer, it is
necessary to know the primary peak current which
must be handled without saturating the transformer
core.
EQUATION 5-19:
So:
EQUATION 5-20:
Now find the minimum reverse voltage requirement for
the output rectifier. This rectifier must have an average
current rating greater than the maximum output current
of 0.5A.
EQUATION 5-21:
Then:
3.22 0.76
2.1 1 105
------------------------------- LPRI
0.5 1
105
3.222
7.6 10-6
2
2.5
------------------------------------------------------------------------------------------
11.65H LPRI 12H
LSEC
0.5 fSW VSEC
2 t
OFF
2
POUT
--------------------------------------------------------------------
Where:
LSEC =
Maximum secondary inductance
tOFF =
Power switch off time
LSEC
0.5 1 105 5.62 2.4 10 6
–
2
2.5
----------------------------------------------------------------------------------
LSEC 3.6H
a
LPRI
LSEC
-------------
a
12
3.6
-------
1.83
=
IPEAK PRI
VIN MIN
t
ON
LPRI
----------------------------------------
=
IPEAK PRI
3.22 7.6 10 6
–
12 10 6
–
------------------------------------------
=
IPEAK PRI
2.04A
=
VBR
VIN MAX
VOUT a
+
FBR a
-------------------------------------------------------------
Where:
VBR =
Output rectifier maximum peak
reverse voltage rating
a =
Transformer turns ratio (1.8)
FBR =
Reverse voltage safety derating factor
(0.8)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com