Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4423 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC4423
Description  Dual 3A Peak Low-Side MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4423 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC4423 Datasheet HTML 4Page - Microchip Technology MIC4423 Datasheet HTML 5Page - Microchip Technology MIC4423 Datasheet HTML 6Page - Microchip Technology MIC4423 Datasheet HTML 7Page - Microchip Technology MIC4423 Datasheet HTML 8Page - Microchip Technology MIC4423 Datasheet HTML 9Page - Microchip Technology MIC4423 Datasheet HTML 10Page - Microchip Technology MIC4423 Datasheet HTML 11Page - Microchip Technology MIC4423 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
MIC4423/4/5
DS20006638A-page 8
2022 Microchip Technology Inc. and its subsidiaries
FIGURE 2-13:
Delay Time vs. Supply
Voltage.
FIGURE 2-14:
Delay Time vs.
Temperature.
FIGURE 2-15:
Quiescent Supply Current
vs. Voltage.
FIGURE 2-16:
Quiescent Current vs.
Temperature.
FIGURE 2-17:
Output Resistance (Output
High) vs. Supply Voltage.
FIGURE 2-18:
Output Resistance (Output
Low) vs. Supply Voltage.
0
10
20
30
40
50
60
46
8
10
12
14
16
18
V
SUPPLY (V)
C
LOAD = 2200 pF
T
D2
T
D1
0
10
20
30
40
50
60
-55 -25
5
35
65
95
125
LOAD = 2200 pF
T
D2
T
D1
0.01
0.1
1
10
4
6
8
1012
141618
V
SUPPLY (V)
T
J =25 C
BOTH INPUTS = 1
BOTH INPUTS = 0
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
-55 -25
5
35
65
95
125
V
S = 10V
INPUTS = 1
INPUTS = 0
0
1
2
3
4
5
6
4
6
8
1012
141618
V
SUPPLY (V)
125 C
25 C
0
1
2
3
4
5
6
4
6
8
1012
141618
V
SUPPLY (V)
125 C
25 C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com