Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4423 Datasheet(PDF) 1 Page - Microchip Technology

Part # MIC4423
Description  Dual 3A Peak Low-Side MOSFET Drivers
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4423 Datasheet(HTML) 1 Page - Microchip Technology

  MIC4423 Datasheet HTML 1Page - Microchip Technology MIC4423 Datasheet HTML 2Page - Microchip Technology MIC4423 Datasheet HTML 3Page - Microchip Technology MIC4423 Datasheet HTML 4Page - Microchip Technology MIC4423 Datasheet HTML 5Page - Microchip Technology MIC4423 Datasheet HTML 6Page - Microchip Technology MIC4423 Datasheet HTML 7Page - Microchip Technology MIC4423 Datasheet HTML 8Page - Microchip Technology MIC4423 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006638A-page 1
MIC4423/4/5
Features
• Reliable, Low-Power Bipolar/CMOS/DMOS
Construction
• Latch-Up Protected to >500 mA Reverse Current
• Logic Input withstands Swing to –5V
• High 3A Peak Output Current
• Wide 4.5V to 18V Operating Range
• Drives 1800 pF Capacitance in 25 ns
• Short <40 ns Typical Delay Time
• Delay Times Consistent within Supply Voltage
Change
• Matched Rise and Fall Times
• TTL Logic Input Independent of Supply Voltage
• Low Equivalent 6 pF Input Capacitance
• Low Supply Current
- 3.5 mA with Logic 1 Input
- 350 µA with Logic 0 Input
• Low 3.5Ω Typical Output Impedance
• Output Voltage Swings within 25 mV of Ground or
VS.
• ‘426/7/8-, ‘1426/7/8-, ‘4426/7/8-Compatible Pinout
• Inverting, Non-Inverting, and Differential
Configurations
General Description
The MIC4423/4424/4425 family are highly reliable
BiCMOS/DMOS buffer/driver/MOSFET drivers. They
are higher output current versions of the
MIC4426/4427/4428, which are improved versions of
the MIC426/427/428. All three families are pin
compatible. The MIC4423/4424/4425 drivers are
capable of giving reliable service in more demanding
electrical environments than their predecessors. They
will not latch under any conditions within their power
and voltage ratings. They can survive up to 5V of noise
spiking, of either polarity, on the ground pin. They can
accept, without either damage or logic upset, up to half
an amp of reverse current (either polarity) forced back
into their outputs.
The MIC4423/4424/4425 series drivers are easier to
use, more flexible in operation, and more forgiving than
other CMOS or bipolar drivers currently available. Their
BiCMOS/DMOS construction dissipates minimum
power and provides rail-to-rail voltage swings.
Primarily intended for driving power MOSFETs, the
MIC4423/4424/4425 drivers are suitable for driving
other loads (capacitive, resistive, or inductive) which
require low-impedance, high peak currents, and fast
switching times. Heavily loaded clock lines, coaxial
cables, or piezoelectric transducers are some
examples. The only known limitation on loading is that
total power dissipated in the driver must be kept within
the maximum power dissipation limits of the package.
See MIC4123/4124/4125 for high power and narrow
pulse applications.
Package Types
Note:
WM Package: Duplicate GND, VS, OUTA, and OUTB pins must be externally connected together.
1
2
3
4
8
7
6
5
NC
INA
GND
INB
NC
OUTA
VS
OUTB
8
NC
2
INA
OUTA
14
3
NC
VS
13
4
GND
VS
12
5
GND
OUTB
11
6
NC
OUTB
10
7
INB
NC
9
1
NC
OUTA
15
NC
16
8-Pin DIP (N)
8-Pin SOIC (M)
16-Pin Wide SOIC (WM)
Dual 3A Peak Low-Side MOSFET Drivers


Similar Part No. - MIC4423

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4423 MICREL-MIC4423 Datasheet
117Kb / 12P
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
MIC4423 MICREL-MIC4423 Datasheet
218Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
logo
MIC GROUP RECTIFIERS
MIC4423 MIC-MIC4423 Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
logo
Micrel Semiconductor
MIC4423 MICREL-MIC4423 Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423BM MICREL-MIC4423BM Datasheet
117Kb / 12P
Dual 3A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS Process
More results

Similar Description - MIC4423

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4123 MICREL-MIC4123 Datasheet
360Kb / 11P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4126 MICREL-MIC4126 Datasheet
533Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
MIC4423 MICREL-MIC4423_05 Datasheet
218Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM MICREL-MIC4424YM Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423YM MICREL-MIC4423YM Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4424YM-TR MICREL-MIC4424YM-TR Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4425YN MICREL-MIC4425YN Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
MIC4423ZN MICREL-MIC4423ZN Datasheet
221Kb / 13P
Dual 3A-Peak Low-Side MOSFET Driver
logo
Microchip Technology
MIC4451 MICROCHIP-MIC4451 Datasheet
2Mb / 24P
12A Peak Low-Side MOSFET Drivers
09/14/21
MIC4467 MICROCHIP-MIC4467 Datasheet
1Mb / 18P
Quad 1.2A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com