Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4467 Datasheet(PDF) 7 Page - Microchip Technology

Part # MIC4467
Description  Quad 1.2A Peak Low-Side MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4467 Datasheet(HTML) 7 Page - Microchip Technology

Back Button MIC4467 Datasheet HTML 3Page - Microchip Technology MIC4467 Datasheet HTML 4Page - Microchip Technology MIC4467 Datasheet HTML 5Page - Microchip Technology MIC4467 Datasheet HTML 6Page - Microchip Technology MIC4467 Datasheet HTML 7Page - Microchip Technology MIC4467 Datasheet HTML 8Page - Microchip Technology MIC4467 Datasheet HTML 9Page - Microchip Technology MIC4467 Datasheet HTML 10Page - Microchip Technology MIC4467 Datasheet HTML 11Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006614A-page 7
MIC4467/8/9
FIGURE 2-7:
Supply Current vs.
Frequency.
FIGURE 2-8:
High Output vs. Current.
FIGURE 2-9:
Low Output vs. Current.
FIGURE 2-10:
Quiescent Power Supply
Current vs. Supply Voltage.
FIGURE 2-11:
Quiescent Power Supply
Current vs. Supply Voltage.
0
0.5
2.5
1.0
1.5
20
15
5
0
SUPPLY VOLTAGE (V)
10
2.0
NO LOAD
BOTH INPUTS LOGIC "1"
T = 25 °C
A
15
10
05
0
50
100
150
200
300
400
20
SUPPLY VOLTAGE (V)
NO LOAD
BOTH INPUTS LOGIC "0"
T = 25 °C
A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com