Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4467 Datasheet(PDF) 8 Page - Microchip Technology

Part # MIC4467
Description  Quad 1.2A Peak Low-Side MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4467 Datasheet(HTML) 8 Page - Microchip Technology

Back Button MIC4467 Datasheet HTML 4Page - Microchip Technology MIC4467 Datasheet HTML 5Page - Microchip Technology MIC4467 Datasheet HTML 6Page - Microchip Technology MIC4467 Datasheet HTML 7Page - Microchip Technology MIC4467 Datasheet HTML 8Page - Microchip Technology MIC4467 Datasheet HTML 9Page - Microchip Technology MIC4467 Datasheet HTML 10Page - Microchip Technology MIC4467 Datasheet HTML 11Page - Microchip Technology MIC4467 Datasheet HTML 12Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
MIC4467/8/9
DS20006614A-page 8
2022 Microchip Technology Inc. and its subsidiaries
3.0
PIN DESCRIPTIONS
Package Types
The descriptions of the pins are listed in Table 3-1.
TABLE 3-1:
PIN FUNCTION TABLE
Pin Number
DIP
Pin Number
Wide SOIC
Pin Name
Description
1
1
1A
Input A for Driver 1. TTL/CMOS Compatible Input
2
2
1B
Input B for Driver 1. TTL/CMOS Compatible Input
3
3
2A
Input A for Driver 2. TTL/CMOS Compatible Input
4
4
2B
Input B for Driver 2. TTL/CMOS Compatible Input
5
5
3A
Input A for Driver 3. TTL/CMOS Compatible Input
6
6
3B
Input B for Driver 3. TTL/CMOS Compatible Input
7
7
GND
Ground
8
—
4A
Input A for Driver 4. TTL/CMOS Compatible Input
—
8
GND
Ground
9
—
4B
Input B for Driver 4. TTL/CMOS Compatible Input
—
9
4A
Input A for Driver 4. TTL/CMOS Compatible Input
10
—
4Y
Output for Driver 4, CMOS Push-Pull Output
—
10
4B
Input B for Driver 4. TTL/CMOS Compatible Input
11
—
3Y
Output for Driver 3, CMOS Push-Pull Output
—
11
4Y
Output for Driver 4, CMOS Push-Pull Output
12
—
2Y
Output for Driver 2, CMOS Push-Pull Output
—
12
3Y
Output for Driver 3, CMOS Push-Pull Output
13
—
1Y
Output for Driver 1, CMOS Push-Pull Output
—
13
2Y
Output for Driver 2, CMOS Push-Pull Output
14
—
VS
Supply Input, 4.5V to 18V
—
14
1Y
Output for Driver 1, CMOS Push-Pull Output
—
15
VS
Supply Input, 4.5V to 18V
—
16
VS
Supply Input, 4.5V to 18V
14-Pin DIP (N)
16-Pin Wide SOIC (WM)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
2A
2B
3A
3B
GND
V
1Y
2Y
3Y
4Y
4B
4A
S
1
2
3
4
5
6
7
8
16
13
12
11
10
9
1A
1B
2A
2B
3A
3B
GND
GND
V
1Y
2Y
3Y
4Y
4B
4A
S
V
S
15
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com