Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4468YN Datasheet(PDF) 5 Page - Microchip Technology

Part # MIC4468YN
Description  Quad 1.2A Peak Low-Side MOSFET Drivers
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MIC4468YN Datasheet(HTML) 5 Page - Microchip Technology

  MIC4468YN Datasheet HTML 1Page - Microchip Technology MIC4468YN Datasheet HTML 2Page - Microchip Technology MIC4468YN Datasheet HTML 3Page - Microchip Technology MIC4468YN Datasheet HTML 4Page - Microchip Technology MIC4468YN Datasheet HTML 5Page - Microchip Technology MIC4468YN Datasheet HTML 6Page - Microchip Technology MIC4468YN Datasheet HTML 7Page - Microchip Technology MIC4468YN Datasheet HTML 8Page - Microchip Technology MIC4468YN Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
2022 Microchip Technology Inc. and its subsidiaries
DS20006614A-page 5
MIC4467/8/9
Test Circuits
FIGURE 1-1:
Inverting and Non-Inverting Input.
FIGURE 1-2:
Package Power Dissipation.
FIGURE 1-3:
Quad Driver Drives H Bridge
to Control motor Speed and Direction.
INVE RTING INPU T
+5V
VINPUT
10%
90%
10%
90%
10%
90%
18V
0V
VOUTPUT
tD1
tF
tR
tD2
NON-INVE RTING INPU T
+5V
INPUT
18V
0V
VOUTPUT
V
90%
10%
10%
10%
90%
tD1
tR
tD2
tF
90%
VOUT
IN
1 μF FILM
0.1 μF CERAMIC
470 pF
1
IN1
IN2
IN2
IN3
IN3
IN4
IN4
0
250
500
750
1000
1250
1500
25
50
75
100
125
150
AMBIENT TEMPERATURE (°C)
14-PIN PDIP
SLOPE = –12 mW/°C
16-PIN WIDE SOIC
SLOPE = –8 mW/°C
GND
DC BRUSH
MOTOR
PWM SPEED
+5V TO +15V
MIC4467
CW
CCW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com