Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MIC4468YN Datasheet (PDF) - Microchip Technology

MIC4468YN Datasheet PDF - Microchip Technology
Part # MIC4468YN
Download  MIC4468YN Download
File Size   1371.56 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Quad 1.2A Peak Low-Side MOSFET Drivers

MIC4468YN Datasheet (PDF)

Go To PDF Page Download Datasheet
MIC4468YN Datasheet PDF - Microchip Technology

Part # MIC4468YN
Download  MIC4468YN Click to download

File Size   1371.56 Kbytes
Page   18 Pages
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology
Description Quad 1.2A Peak Low-Side MOSFET Drivers

MIC4468YN Datasheet (HTML) - Microchip Technology


MIC4468YN Product details

General Description
The MIC4467/8/9 family of four output CMOS
buffer/drivers is an expansion from the earlier singleand
dual-output drivers, to which they are functionally
closely related. Because package pin count permitted
it, each driver has been equipped with a dual input logic
gate for added flexibility. Placing four high-power
drivers in a single package also improves system
reliability and reduces total system cost. In some
applications, one of these drivers can replace not only
two packages of single-input drivers, but some of the
associated logic as well.
Although primarily intended for driving power
MOSFETs, and similar highly capacitive loads, these
drivers are equally well suited to driving any other load
(capacitive, resistive, or inductive), which requires high
efficiency, low-impedance driver capable of high peak
currents, rail-to-rail voltage swings, and fast switching
times. For example, heavily loaded clock lines, coaxial
cables, and piezoelectric transducers can all be driven
easily with MIC446x series drivers. The only limitation
on loading is that total power dissipation in the IC must
be kept within the power dissipation limits of the
package.
The MIC446x series drivers are built using a BCD
process. They will not latch under any conditions within
their power and voltage ratings. They are not subject to
damage when up to 5V of noise spiking (either polarity)
occurs on the ground line. They can accept up to half
an amp of inductive kickback current (either polarity)
into their outputs without damage or logic upset.

Features
• Reliable, Low-Power Bipolar/CMOS/DMOS
Construction
• Latch-Up Protected to >500 mA Reverse Current
• Logic Input withstands Swing to –5V
• High 3A Peak Output Current
• Wide 4.5V to 18V Operating Range
• Symmetrical Rise and Fall Times
• Short <40 ns Typical Delay Time
• TTL Logic Input Independent of Supply Voltage
• Low Equivalent 6 pF Input Capacitance
• Low 5Ω Typical Output Impedance
• Output Voltage Swings within 25 mV of Ground or VS.

Applications
• General-Purpose CMOS Logic Buffer
• Driving All 4 MOSFETs in an H-Bridge
• Direct Small Motor Driver
• Relay or Peripheral Drivers
• Dual Differential Output Power Drivers
• CCD Driver
• Pin Switching Network Driver




Similar Part No. - MIC4468YN

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
MIC4468 MICREL-MIC4468 Datasheet
80Kb / 7P
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS
MIC4468 MICREL-MIC4468 Datasheet
205Kb / 8P
Quad 1.2A-Peak Low-Side MOSFET Driver
MIC4468BN MICREL-MIC4468BN Datasheet
80Kb / 7P
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS
MIC4468BWM MICREL-MIC4468BWM Datasheet
80Kb / 7P
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS
MIC4468CN MICREL-MIC4468CN Datasheet
80Kb / 7P
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS
More results


Similar Description - MIC4468YN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX620 MAXIM-MAX620 Datasheet
392Kb / 12P
Quad, High-Side MOSFET Drivers
Rev 2; 10/94
logo
Micrel Semiconductor
MIC4467 MICREL-MIC4467 Datasheet
80Kb / 7P
Quad 1.2A-Peak Low-Side MOSFET Driver Bipolar/CMOS/DMOS
logo
Texas Instruments
UCC27324 TI-UCC27324 Datasheet
222Kb / 15P
DUAL 4-A PEAK HIGH SPEED LOW-SIDE POWER MOSFET DRIVERS
logo
Micrel Semiconductor
MIC1427 MICREL-MIC1427 Datasheet
557Kb / 8P
Dual 1.2A-Peak Low-Side MOSFET Driver
MIC4126 MICREL-MIC4126 Datasheet
533Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
MIC4467 MICREL-MIC4467_05 Datasheet
205Kb / 8P
Quad 1.2A-Peak Low-Side MOSFET Driver
logo
MIC GROUP RECTIFIERS
MIC4126 MIC-MIC4126_11 Datasheet
538Kb / 8P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
logo
Microchip Technology
MIC4451 MICROCHIP-MIC4451 Datasheet
2Mb / 24P
12A Peak Low-Side MOSFET Drivers
09/14/21
MIC4423 MICROCHIP-MIC4423 Datasheet
2Mb / 26P
Dual 3A Peak Low-Side MOSFET Drivers
Revision A (May 2022)
MIC4126 MICROCHIP-MIC4126 Datasheet
846Kb / 22P
Dual 1.5A-Peak Low-Side MOSFET Drivers in Advanced Packaging
Revision A 06/2019
More results




About Microchip Technology


Microchip Technology is an American semiconductor company that was founded in 1989.
The company provides a wide range of microcontrollers, analog, memory, and security products for various applications in the automotive, industrial, and consumer markets.
Microchip is one of the largest microcontroller suppliers in the world and is known for its expertise in low-power design and its focus on energy-saving technologies.
The company also provides development tools and software to help customers design and prototype their products.
Microchip has operations in over 70 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com