Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24HC02B Datasheet(PDF) 1 Page - ATMEL Corporation

Part # AT24HC02B
Description  Utilizes Different Array Protection Compared
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24HC02B Datasheet(HTML) 1 Page - ATMEL Corporation

  AT24HC02B Datasheet HTML 1Page - ATMEL Corporation AT24HC02B Datasheet HTML 2Page - ATMEL Corporation AT24HC02B Datasheet HTML 3Page - ATMEL Corporation AT24HC02B Datasheet HTML 4Page - ATMEL Corporation AT24HC02B Datasheet HTML 5Page - ATMEL Corporation AT24HC02B Datasheet HTML 6Page - ATMEL Corporation AT24HC02B Datasheet HTML 7Page - ATMEL Corporation AT24HC02B Datasheet HTML 8Page - ATMEL Corporation AT24HC02B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
Features
• Write Protect Pin for Hardware Data Protection
– Utilizes Different Array Protection Compared to the AT24C02B
• Low-voltage and Standard-voltage Operation
– 1.8 (V
CC = 1.8V to 5.5V)
• Internally Organized 256 x 8 (2K)
• Two-wire Serial Interface
• Schmitt Trigger, Filtered Inputs for Noise Suppression
• Bidirectional Data Transfer Protocol
• 1 MHz (5V) and 400 kHz (1.8V, 2.5V, 2.7V) Clock Rate
• 8-byte Page
• Partial Page Writes Allowed
• Self-timed Write Cycle (5 ms Max)
• High Reliability
– Endurance: One Million Write Cycles
– Data Retention: 100 Years
• 8-lead PDIP, 8-lead JEDEC SOIC and 8-lead TSSOP Packages
• Die Sales: Wafer Form, Waffle Pack, and Bumped Wafers
Description
The AT24HC02B provides 2048 bits of serial electrically erasable and programmable
read-only memory (EEPROM) organized as 256 words of 8 bits each. The device is opti-
mized for use in many industrial and commercial applications where low-power and low-
voltage operation are essential. The AT24HC02B is available in space-saving 8-lead
PDIP, 8-lead JEDEC SOIC and 8-lead TSSOP packages and is accessed via a two-wire
serial interface. In addition, the entire family is available in 1.8V (1.8V to 5.5V) version.
Table 1. Pin Configuration
Pin Name
Function
A0–A2
Address Inputs
SDA
Serial Data
SCL
Serial Clock Input
WP
Write Protect
NC
No-connect
Two-wire Serial
EEPROM
2K (256 x 8)
AT24HC02B
Rev. 5134A–SEEPR–9/05
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead PDIP
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead SOIC
1
2
3
4
8
7
6
5
A0
A1
A2
GND
VCC
WP
SCL
SDA
8-lead TSSOP


Similar Part No. - AT24HC02B

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT24HC02B ATMEL-AT24HC02B Datasheet
540Kb / 17P
Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B Datasheet
504Kb / 16P
Two-wire Automotive Temperature Serial EEPROM
AT24HC02B ATMEL-AT24HC02B Datasheet
399Kb / 17P
Two-wire Automotive Temperature Serial EEPROM
AT24HC02B-PU ATMEL-AT24HC02B-PU Datasheet
619Kb / 19P
Two-wire Serial EEPROM 2K (256 x 8)
AT24HC02B-TH-B ATMEL-AT24HC02B-TH-B Datasheet
619Kb / 19P
Two-wire Serial EEPROM 2K (256 x 8)
More results

Similar Description - AT24HC02B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PESD5V2S18U PHILIPS-PESD5V2S18U Datasheet
86Kb / 8P
ESD protection array
2003 Apr 28
logo
Comchip Technology
CSRS065V0-G COMCHIP-CSRS065V0-G Datasheet
137Kb / 4P
ESD Protection Array
logo
NXP Semiconductors
PESD5V2S18U NXP-PESD5V2S18U Datasheet
147Kb / 8P
ESD protection array
2003 Apr 28
logo
Littelfuse
SP3004 LITTELFUSE-SP3004_10 Datasheet
484Kb / 6P
SPA??Silicon Protection Array Products Low Capacitance ESD Protection Array
logo
Taiwan Semiconductor Co...
TESDF5V0AU TSC-TESDF5V0AU Datasheet
202Kb / 4P
ESD Protection Array
logo
Comchip Technology
CSRS065V0-G COMCHIP-CSRS065V0-G_12 Datasheet
108Kb / 4P
ESD Protection Array
logo
ATMEL Corporation
AT24C04A ATMEL-AT24C04A_14 Datasheet
563Kb / 16P
Utilizes Different Array Protection Compared to the AT24C02/04
logo
Taiwan Semiconductor Co...
TESDF5V0AU TSC-TESDF5V0AU_15 Datasheet
264Kb / 5P
ESD Protection Array
logo
Exar Corporation
DAN-136 EXAR-DAN-136 Datasheet
54Kb / 5P
EXAR XR16L580 COMPARED
logo
Vishay Siliconix
CRAS0606 VISHAY-CRAS0606 Datasheet
214Kb / 8P
Thick Film Chip Resistor Array, Different Values
01-Jun-16
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com