Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AT24HC02B Datasheet(PDF) 5 Page - ATMEL Corporation

Part # AT24HC02B
Description  Utilizes Different Array Protection Compared
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT24HC02B Datasheet(HTML) 5 Page - ATMEL Corporation

  AT24HC02B Datasheet HTML 1Page - ATMEL Corporation AT24HC02B Datasheet HTML 2Page - ATMEL Corporation AT24HC02B Datasheet HTML 3Page - ATMEL Corporation AT24HC02B Datasheet HTML 4Page - ATMEL Corporation AT24HC02B Datasheet HTML 5Page - ATMEL Corporation AT24HC02B Datasheet HTML 6Page - ATMEL Corporation AT24HC02B Datasheet HTML 7Page - ATMEL Corporation AT24HC02B Datasheet HTML 8Page - ATMEL Corporation AT24HC02B Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
5
AT24HC02B
5134A–SEEPR–9/05
Note:
1. This parameter is ensured by characterization only.
Table 5. AC Characteristics
Applicable over recommended operating range from T
AI = –40°C to +85°C, VCC = +1.8V to +5.5V, CL = 1 TTL Gate and
100 pF (unless otherwise noted)
Symbol
Parameter
1.8, 2.5, 2.7
5.0-volt
Units
Min
Max
Min
Max
fSCL
Clock Frequency, SCL
400
1000
kHz
t
LOW
Clock Pulse Width Low
1.2
0.4
µs
tHIGH
Clock Pulse Width High
0.6
0.4
µs
tI
Noise Suppression Time
50
40
ns
t
AA
Clock Low to Data Out Valid
0.1
0.9
0.05
0.55
µs
t
BUF
Time the bus must be free before a new
transmission can start
1.2
0.5
µs
t
HD.STA
Start Hold Time
0.6
0.25
µs
tSU.STA
Start Setup Time
0.6
0.25
µs
tHD.DAT
Data In Hold Time
0
0
µs
t
SU.DAT
Data In Setup Time
100
100
ns
tR
Inputs Rise Time(1)
0.3
0.3
µs
tF
Inputs Fall Time(1)
300
100
ns
t
SU.STO
Stop Setup Time
0.6
.25
µs
tDH
Data Out Hold Time
50
50
ns
t
WR
Write Cycle Time
5
5
ms
Endurance(1)
5.0V, 25
°C, Byte Mode
1M
Write Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com