Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

COM-14697 Datasheet(PDF) 1 Page - SparkFun Electronics

Part # COM-14697
Description  Bendable EL Wire Blue 3m
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SPARKFUN [SparkFun Electronics]
Direct Link  https://www.sparkfun.com/
Logo SPARKFUN - SparkFun Electronics

COM-14697 Datasheet(HTML) 1 Page - SparkFun Electronics

  COM-14697 Datasheet HTML 1Page - SparkFun Electronics COM-14697 Datasheet HTML 2Page - SparkFun Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Bendable EL Wire - Blue 3m
COM-14697
Do you love EL wire but wish it was more bendable? Well look no further! This EL Wire contains a
special bendable wire core that allows you to articulate and mold your EL wire any way that you
want!
EL wire, or electroluminescent wire, is a flexible wire coated in phosphor. Apply the appropriate
voltage and it lights up! It looks a lot like a thin flexible neon tube. The bendable wire runs alongside
the phosphor wire, making the product nearly twice the thickness of the non-bendable variety. They
come in a variety of colors and can be driven pretty easily with an inverter.
This particular wire glows with a blue hue and is 3m (almost 10 feet) in length, approximately 5mm in
diameter and is terminated with a simple JST-PH connector. This connector works directly with our
SparkFun Original EL driver boards, the EL Escudo and the EL Sequencer.


Similar Part No. - COM-14697

ManufacturerPart #DatasheetDescription
logo
SparkFun Electronics
COM-14646 SPARKFUN-COM-14646 Datasheet
385Kb / 2P
RGB LED Matrix Panel - 32x32
3-19-18
COM-14662 SPARKFUN-COM-14662 Datasheet
144Kb / 2P
Keypad - 12 Button
4??0??8
More results

Similar Description - COM-14697

ManufacturerPart #DatasheetDescription
logo
3M Electronics
3600X 3M-3600X Datasheet
1Mb / 5P
3M™ Round, Shielded/Jacketed, Disc. Wire Cable
11-May-2009
logo
NTE Electronics
69-ELBP-1 NTE-69-ELBP-1 Datasheet
109Kb / 1P
Battery Power Supply for EL Wire
69-ELD30 NTE-69-ELD30 Datasheet
104Kb / 1P
AC Power Supply for EL Wire
69-ELDP-1 NTE-69-ELDP-1 Datasheet
103Kb / 1P
Cigarette Lighter Power Supply for EL Wire
69-ELDP-3 NTE-69-ELDP-3 Datasheet
111Kb / 1P
Cigarette Lighter Power Supply for EL Wire
logo
TDK Electronics
B57869S0103F140 TDK-B57869S0103F140 Datasheet
442Kb / 18P
Miniature sensors with bendable wires
logo
3M Electronics
SG-T 3M-SG-T Datasheet
108Kb / 3P
3M??Secure Grip Wire Connector SG-T
SG-B 3M-SG-B Datasheet
91Kb / 3P
3M??Secure Grip Wire Connector SG-B
logo
SparkFun Electronics
COM-12934 SPARKFUN-COM-12934 Datasheet
95Kb / 1P
EL Wire Chasing Adapter Cable
11/24/2015
COM-14700 SPARKFUN-COM-14700 Datasheet
133Kb / 2P
Bendable EL Wire - Purple 3m
7??6??8
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com