Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSLV810 Datasheet(PDF) 9 Page - Integrated Circuit Systems

Part # ICSLV810
Description  Buffer/Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSLV810 Datasheet(HTML) 9 Page - Integrated Circuit Systems

Back Button ICSLV810 Datasheet HTML 4Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 5Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 6Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 7Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 8Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 9Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 10Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 11Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 12Page - Integrated Circuit Systems  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
Buffer/Clock Driver
MDS LV810 F
9
Revision 101305
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
ICSLV810
Thermal Characteristics for 20QSOP
Thermal Characteristics for 20SOIC
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
135
°C/W
θ
JA
1 m/s air flow
93
°C/W
θ
JA
3 m/s air flow
78
°C/W
Thermal Resistance Junction to Case
θ
JC
60
°C/W
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Units
Thermal Resistance Junction to
Ambient
θ
JA
Still air
83
°C/W
θ
JA
1 m/s air flow
71
°C/W
θ
JA
3 m/s air flow
58
°C/W
Thermal Resistance Junction to Case
θ
JC
46
°C/W
tPLH
Input
Output
From Output
Under Test
CL=3pF
500 ohm
VOH
VOL
VIH
VIL
tPHL
VOH
VOL
VOH
VOL
Input
Output 1
Output 2
tSK
tSK
tPLH1
tPHL1
tPLH2
tPHL2
Figure 2. Propagation Delay
( tSK(O)=|tPLH2-tPHL2| or |tPLH1-tPHL1| )
Figure 3. Output Skew
Figure 1. Load Circuit
Figure 4. Pulse Skew ( tSK(p)=|tpLH – tpH| )
VOH
VOL
Input
Output 1
tPLH1
tPHL1
VOH
VOH
Input
Package
1 Output
Package
2 Output
tSK
tSK
tPLH1
tPHL1
tPLH2
tPHL2
( tSK(O)=|tPLH2-tPHL2| or |tPLH1-tPHL1| )
Figure 5. Part-to-Part Skew
VOL
VOL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com