Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICSLV810 Datasheet(PDF) 1 Page - Integrated Circuit Systems

Part # ICSLV810
Description  Buffer/Clock Driver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ICST [Integrated Circuit Systems]
Direct Link  http://www.icst.com
Logo ICST - Integrated Circuit Systems

ICSLV810 Datasheet(HTML) 1 Page - Integrated Circuit Systems

  ICSLV810 Datasheet HTML 1Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 2Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 3Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 4Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 5Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 6Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 7Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 8Page - Integrated Circuit Systems ICSLV810 Datasheet HTML 9Page - Integrated Circuit Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
ICSLV810
MDS LV810 F
1
Revision 101305
Integrated Circuit Systems, Inc.
● 525 Race Street, San Jose, CA 95126 ● tel (408) 297-1201 ● www.icst.com
Buffer/Clock Driver
Description
The ICSLV810 is a low skew 1.5 V to 2.5 V, 1:10 fanout
buffer. This device is specifically designed for data
communications clock management. The large fanout
from a single input line reduces loading on the input
clock. The TTL level outputs reduce noise levels on the
part. Typical applications are clock and signal
distribution.
Features
• Packaged in 20-pin QSOP/SSOP
• Split 1:10 fanout Buffer
• Maximum skew between outputs of different
packages 0.75 ns
• Max propagation delay of 3.8 ns
• Operating voltage of 1.5 V to 2.5 V on Bank A
• Operating voltage of 1.5 V to 2.5 V on Banks B and C
• Advanced, low power, CMOS process
• Industrial temperature range -40° C to +85° C
• 3.3 V tolerant input when VDDA=2.5 V
• Available in Pb (lead) free packaging
Block Diagram
CLK 1
CLK 2
CLK 3
CLK 4
CLK 5
CLK 6
CLK 7
CLK 8
CLK 9
CLK 10
VDDA
VDDB
CLKIN
VDDC


Similar Part No. - ICSLV810

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
ICSLV810 IDT-ICSLV810 Datasheet
304Kb / 14P
BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
ICSLV810 RENESAS-ICSLV810 Datasheet
479Kb / 15P
BUFFER/CLOCK DRIVER
2019
More results

Similar Description - ICSLV810

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23 Datasheet
124Kb / 9P
Clock Buffer/Driver
September 28, 1999 rev
logo
Integrated Circuit Syst...
MK3805 ICST-MK3805 Datasheet
122Kb / 6P
Buffer/Clock Driver
Revision 031104
logo
Integrated Device Techn...
MK3807-01 IDT-MK3807-01 Datasheet
170Kb / 7P
BUFFER/CLOCK DRIVER
logo
SpectraLinear Inc
CY2SSTV855 SPECTRALINEAR-CY2SSTV855 Datasheet
93Kb / 6P
Differential Clock Buffer/Driver
logo
Cypress Semiconductor
W40S11-23 CYPRESS-W40S11-23_01 Datasheet
193Kb / 11P
Clock Buffer/Driver
W40S11-23G CYPRESS-W40S11-23G Datasheet
213Kb / 11P
Clock Buffer/Driver
logo
Integrated Device Techn...
LV810FILF IDT-LV810FILF Datasheet
304Kb / 14P
BUFFER/CLOCK DRIVER
logo
Renesas Technology Corp
MK3805 RENESAS-MK3805 Datasheet
333Kb / 8P
BUFFER/CLOCK DRIVER
051310
MK3807-01 RENESAS-MK3807-01 Datasheet
317Kb / 8P
BUFFER/CLOCK DRIVER
051310
ICSLV810 RENESAS-ICSLV810 Datasheet
479Kb / 15P
BUFFER/CLOCK DRIVER
2019
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com