Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL2 Datasheet(PDF) 6 Page - Supertex, Inc

Part # CL2
Description  Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL2 Datasheet(HTML) 6 Page - Supertex, Inc

  CL2 Datasheet HTML 1Page - Supertex, Inc CL2 Datasheet HTML 2Page - Supertex, Inc CL2 Datasheet HTML 3Page - Supertex, Inc CL2 Datasheet HTML 4Page - Supertex, Inc CL2 Datasheet HTML 5Page - Supertex, Inc CL2 Datasheet HTML 6Page - Supertex, Inc CL2 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
6
2
13
Uncontrolled
Lead Dia.
Typ
MIN
Seating Plane
D
A
L
e1
e
b
5
° NOM
Before Lead Finish
R NOM
10
° NOM
2 3
0.190
± 0.020
(4.826
± 0.508)
0.190
± 0.020
(4.826
± 0.508)
0.050
± 0.005
(1.270
± 0.127)
0.500
(12.700)
0.018
(0.457)
0.100
± 0.005
(2.540
± 0.127)
MAX
0.050
(1.270)
0.015
± 0.005
(0.381
± 0.127)
Typ
0.090
(2.286)
0.050
± 0.005
(1.270
± 0.127)
0.140
± 0.005
(3.556
± 0.127)
C
H
E
3 Lead TO-92 Plastic Package (N3)
Note: Circle (e.g. B ) indicates JEDEC Reference.
Dimensions in Inches
(Dimensions in Millimeters)
Measurement Legend =
NR062905
CL2



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com