Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CL2 Datasheet(PDF) 1 Page - Supertex, Inc

Part # CL2
Description  Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

CL2 Datasheet(HTML) 1 Page - Supertex, Inc

  CL2 Datasheet HTML 1Page - Supertex, Inc CL2 Datasheet HTML 2Page - Supertex, Inc CL2 Datasheet HTML 3Page - Supertex, Inc CL2 Datasheet HTML 4Page - Supertex, Inc CL2 Datasheet HTML 5Page - Supertex, Inc CL2 Datasheet HTML 6Page - Supertex, Inc CL2 Datasheet HTML 7Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
1
Initial Release
Simple 90V 20mA Temperature Compensated
Constant Current LED Driver IC
Features
5.0V to 90V operating range (VA-B)
20mA ±10% at 5-90V
0.01% / °C Typical Temperature
Coefficient
TO-243AA (SOT-89), TO-252 (D-PAK),
& TO-92 packages
No external components (two terminal
device)
Can be paralleled for higher current
Applications
LED driver
Industrial lamp indicators
Signage
Accent lighting
Automotive
Constant current source
Constant current sink
Typical Application Circuit
General Description
The Supertex CL2 is a high voltage, temperature
compensated, constant current source. The device is
trimmed to provide a constant current of 20mA±10%
at
an
input
voltage
of
5-90V.
No
external
components are required. The device can be used
as a two terminal constant current source or constant
current sink.
A typical application for the CL2 is to drive LEDs with
a constant current of 20mA. They can also be used
in parallel to provide higher currents such as 40mA,
60mA or 80mA. The device is available in SOT-89,
TO-252 (D-PAK), and TO-92 packages.
NR062905
CL2
I
LED
<20mA
VA
VB
CL2
Up to 90V
+V
LED(total)
+
V
LED(total)
-
VA
Control Circuit
and Temperature
Compensation
VB
Functional Circuit Diagram


Similar Part No. - CL2

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL2 SUTEX-CL2 Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2 SUTEX-CL2 Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
logo
Microchip Technology
CL2 MICROCHIP-CL2 Datasheet
426Kb / 15P
Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
Bel Fuse Inc.
CL2-10R-12 BEL-CL2-10R-12 Datasheet
844Kb / 2P
Inherently or Non-Inherently Limited
CL2-10R-24 BEL-CL2-10R-24 Datasheet
844Kb / 2P
Inherently or Non-Inherently Limited
More results

Similar Description - CL2

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
CL1 SUTEX-CL1 Datasheet
1Mb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25 Datasheet
508Kb / 5P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL220 SUTEX-CL220 Datasheet
1Mb / 7P
Simple, 220V, 20mA, Temperature-Compensated, Constant Current, LED Driver IC
CL2K4-G SUTEX-CL2K4-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL2N8-G SUTEX-CL2N8-G Datasheet
932Kb / 7P
Simple 90V, 20mA, Temperature Compensated Constant Current LED Driver IC
CL25 SUTEX-CL25_11 Datasheet
667Kb / 6P
Simple 90V, 25mA, Temperature Compensated, Constant Current, LED Driver IC
CL1 SUTEX-CL1_09 Datasheet
804Kb / 7P
Simple 90V 20mA Temperature Compensated Constant Current LED Driver IC
logo
Microchip Technology
CL220 MICROCHIP-CL220 Datasheet
396Kb / 13P
Simple, 220V, 20mA, Temperature-Compensated, Constant-Current, LED Driver IC
01/27/15
CL2 MICROCHIP-CL2 Datasheet
426Kb / 15P
Simple 90V, 20mA, Temperature Compensated
07/14/15
logo
SHENZHEN FUMAN ELECTRON...
TC1360 FUMAN-TC1360 Datasheet
350Kb / 10P
LED constant current driver IC
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com