Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9128AS Datasheet(PDF) 4 Page - Micronas

Part # MAS9128AS
Description  LDO Voltage Regulator IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9128AS Datasheet(HTML) 4 Page - Micronas

  MAS9128AS Datasheet HTML 1Page - Micronas MAS9128AS Datasheet HTML 2Page - Micronas MAS9128AS Datasheet HTML 3Page - Micronas MAS9128AS Datasheet HTML 4Page - Micronas MAS9128AS Datasheet HTML 5Page - Micronas MAS9128AS Datasheet HTML 6Page - Micronas MAS9128AS Datasheet HTML 7Page - Micronas MAS9128AS Datasheet HTML 8Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DA9128A.002
July 12, 1998
4
@G@8USD86GÃ8C6S68U@SDTUD8T
x
Srtˆyh‡‚…ÃPˆ‡ƒˆ‡†ÃG9Pf6ÃG9Pf7ÃG9Pf8
(TAMB = -20
0C to +700C, unless otherwise noted. Typical value for T
J is 27
0C Cin=1µF Cout= 1µF,ceramic)
Qh…h€r‡r…
T’€i‚y
8‚qv‡v‚†
Hv
U’ƒ
Hh‘
Vv‡
Output voltage
VOUT
3.1V < VCC < 6.5V,
0mA < IOUT < IMAX
2.7
2.85
3.0
V
Short circuit current
LDO_A
IMAXA
310
mA
LDO_B
IMAXB
220
mA
LDO_C
IMAXC
170
mA
Load Current
LDO_A
IOUTA
0
100
mA
LDO_B
IOUTB
070
mA
LDO_C
IOUTC
050
mA
Line regulation
1Vpp at VCC, max. load
1.1
10
mV
Load regulation
0mA < IOUT < IMAX
LDO_A
945
mV
LDO_B
631
mV
LDO_C
522
mV
Load transient
TAMB = 25
oC
10uA to ½ load in 1us (4)
-60
mV
100uA to max. Load in 1us (4)
-70
mV
10uA to max. Load in 1us (5)
-85
mV
PSRR
f
≤ 10kHz, 1Vpp at V
CC = 4.5V
CREF = 10nF
50
60
dB
Quiescent current
per regulator
(3)
IQR
ON, max. load
170
uA
IQR
ON, IOUT = 100uA
150
uA
IQR
OFF
<1
uA
Total quiescent
current
IQ
ENA = ENBC = 0V
IOUT = 0 VCC = 6.5V
<1
30
µA
Noise
10Hz < f < 100kHz
typical load, no capacitor at VREF
190
uVrms
10Hz < f < 100kHz
typical load, 10nF cap. at VREF
50
uVrms
Settling time
Enables OFF to ON
2.7V < VOUT < 3.0V
10nF cap. at VREF
0.5
1.0
ms
Output capacitor
COUT
0.8
1.0
2.6
uF
ESR
0.01
0.1
1
Ohm
NOTE 3:To get the real quiescent current of the device, the quiescent current of the reference voltage
generator (140uA typ.) has to be added together once for all regulators.
NOTE 4:VOUT does not drop below 2.7V for more than 1us.
NOTE 5:VOUT does not drop below 2.5V for more than 1us or below 2.7V for more than 50us.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com