Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9128AS Datasheet(PDF) 2 Page - Micronas

Part # MAS9128AS
Description  LDO Voltage Regulator IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9128AS Datasheet(HTML) 2 Page - Micronas

  MAS9128AS Datasheet HTML 1Page - Micronas MAS9128AS Datasheet HTML 2Page - Micronas MAS9128AS Datasheet HTML 3Page - Micronas MAS9128AS Datasheet HTML 4Page - Micronas MAS9128AS Datasheet HTML 5Page - Micronas MAS9128AS Datasheet HTML 6Page - Micronas MAS9128AS Datasheet HTML 7Page - Micronas MAS9128AS Datasheet HTML 8Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DA9128A.002
July 12, 1998
2
QDIÃ8PIADBVS6UDPI
1
2
3
4
5
6
7
8
SO8
OUTA
OUTB
OUTC
ENA
ENBC
GND
VCC
VREF
QDIÃ9@T8SDQUDPI
QvÃIh€r
Qv
U’ƒr
Aˆp‡v‚
OUTA
1
O
2.85V/100mA regulator output
OUTC
2
O
2.85V/50mA regulator output
ENBC
3
I
Enable for regulators B and C
ENA
4
I
Enable for regulator A
VREF
5
O
Reference voltage
GND
6
P
Ground
VCC
7
P
Positive supply voltage
OUTA
8
O
2.85V/70mA regulator output



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com