Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9128AS-T Datasheet(PDF) 3 Page - Micronas

Part # MAS9128AS-T
Description  LDO Voltage Regulator IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9128AS-T Datasheet(HTML) 3 Page - Micronas

  MAS9128AS-T Datasheet HTML 1Page - Micronas MAS9128AS-T Datasheet HTML 2Page - Micronas MAS9128AS-T Datasheet HTML 3Page - Micronas MAS9128AS-T Datasheet HTML 4Page - Micronas MAS9128AS-T Datasheet HTML 5Page - Micronas MAS9128AS-T Datasheet HTML 6Page - Micronas MAS9128AS-T Datasheet HTML 7Page - Micronas MAS9128AS-T Datasheet HTML 8Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
DA9128A.002
July 12, 1998
3
67TPGVU@ÃH6YDHVHÃS6UDIBT
(All voltages with respect to ground.)
Qh…h€r‡r…
T’€i‚y
8‚qv‡v‚†
Hv
Hh‘
Vv‡
Supply Voltage
VCC
-0.3
13.0
V
Logic input voltage
VEN
-0.3
VCC+0.3
Max. Junction Temperature
TJ
150
0C
Thermal resistance
RJA
163
0C/W
Lead temperature
for 10 seconds
230
0C
Storage Temperature
TS
-55
+150
0C
ESD Rating
Note 1: Stresses beyond those listed may cause permanent damage to the device. The device may not operate
under these conditions, but will not be destroyed.
S@8PHH@I9@9ÃPQ@S6UDPIÃ8PI9DUDPIT
Qh…h€r‡r…
T’€i‚y
8‚qv‡v‚†
Hv
U’ƒ
Hh‘
Vv‡
Supply Voltage
VCC
3.1
6.5
V
Operating Temperature
TAMB
-20
+70
0C
@G@8USD86GÃ8C6S68U@SDTUD8T
x
Uur…€hył‡rp‡v‚
Qh…h€r‡r…
T’€i‚y
8‚qv‡v‚†
Hv
U’ƒ
Hh‘
Vv‡
Threshold high
TH
130
150
170
0C
Threshold low
TL
120
140
160
0C
Continuos power dissipation
in operation
TAMB = 25
0C
644
mW
TAMB = 70
0C
368
mW
NOTE 2:A hysteresis of 10
0C avoids oscillation in case of thermal shutdown. After the regulator temperature
has dropped by this value, it will turn on again automatically.
x
9vtv‡hyÃDƒˆ‡†Ã@I6Ã@I78
(TAMB = -20
0C to +700C, unless otherwise noted. Typical value for T
J is 27
0C.)
Qh…h€r‡r…
T’€i‚y
8‚qv‡v‚†
Hv
U’ƒ
Hh‘
Vv‡
Input high voltage
VIH
2.2
V
Input low voltage
VIL
0.40
V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com