Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAS9128AS-T Datasheet(PDF) 1 Page - Micronas

Part # MAS9128AS-T
Description  LDO Voltage Regulator IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRONAS [Micronas]
Direct Link  http://www.micronas.com
Logo MICRONAS - Micronas

MAS9128AS-T Datasheet(HTML) 1 Page - Micronas

  MAS9128AS-T Datasheet HTML 1Page - Micronas MAS9128AS-T Datasheet HTML 2Page - Micronas MAS9128AS-T Datasheet HTML 3Page - Micronas MAS9128AS-T Datasheet HTML 4Page - Micronas MAS9128AS-T Datasheet HTML 5Page - Micronas MAS9128AS-T Datasheet HTML 6Page - Micronas MAS9128AS-T Datasheet HTML 7Page - Micronas MAS9128AS-T Datasheet HTML 8Page - Micronas  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DA9128A.002
July 12, 1998
1
0$6$
/'29ROWDJH5HJXODWRU,&
•ÃUu…rrÃy‚Ãq…‚ƒ‚ˆ‡Ã‰‚y‡htrÅrtˆyh‡‚…†
•ÃSrtˆyh‡‚…Ãrhiyrqv†hiyrÃp‚‡…‚y
•ÃQ‚r…Æh‰vtÆyrrƒÃ€‚qr
•Uur…€hył‡rp‡v‚
9@T8SDQUDPI
The MAS9128A is voltage regulator IC with three
2.85V LDO regulators providing voltage regulation
for the handset terminal. The output voltages of the
three regulators can be modified through a mask
option. Two enable/disable pins control the state of
the regulators. In order to save power the device
goes into sleep mode when all regulators are
disabled. An internal thermal protection circuit
prevents the device from overheating. The
maximum output current is limited internally.
A@6UVS@T
6QQGD86UDPI
• 2.85V regulators at 100mA, 70mA and 50mA
• Output accuracy <±3%
• Fast dynamic response
• Low output noise
• Low supply current: 150µA per regulator
• SO8 package
• Mobile phones
• Cordless phones
• Battery powered systems
7GP8FÃ9D6BS6H
&
Bandgap
Reference
LDO_B
(70mA)
OUTB
VREF
ENA
GND
VCC
ENBC
LDO_A
(100mA)
OUTA
LDO_C
(50mA)
OUTC
&
&
Temperature
Protection
&


Similar Part No. - MAS9128AS-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAS9122 ETC1-MAS9122 Datasheet
171Kb / 12P
3 Outputs LDO Voltage Regulator IC
MAS9122ASM2-T ETC1-MAS9122ASM2-T Datasheet
171Kb / 12P
3 Outputs LDO Voltage Regulator IC
MAS9122ASM3-T ETC1-MAS9122ASM3-T Datasheet
171Kb / 12P
3 Outputs LDO Voltage Regulator IC
MAS9122ASM4-T ETC1-MAS9122ASM4-T Datasheet
171Kb / 12P
3 Outputs LDO Voltage Regulator IC
More results

Similar Description - MAS9128AS-T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MAS9162 ETC1-MAS9162 Datasheet
89Kb / 8P
80 mA LDO VOLTAGE REGULATOR IC
logo
Interpion semiconductor
IP1621 INTERPION-IP1621 Datasheet
364Kb / 15P
DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
IP1622 INTERPION-IP1622 Datasheet
362Kb / 15P
DUAL OUTPUT VOLTAGE LDO REGULATOR RESET IC
logo
List of Unclassifed Man...
MAS9122 ETC1-MAS9122 Datasheet
171Kb / 12P
3 Outputs LDO Voltage Regulator IC
logo
AUK corp
A78R33PIC AUK-A78R33PIC Datasheet
295Kb / 7P
LDO Fixed Regulator IC
logo
Texas Instruments
DRV8850 TI1-DRV8850 Datasheet
973Kb / 22P
Low-Voltage H-Bridge IC With LDO Voltage Regulator
DRV8850 TI1-DRV8850 Datasheet
973Kb / 22P
Low-Voltage H-Bridge IC With LDO Voltage Regulator
DRV8850 TI-DRV8850_15 Datasheet
974Kb / 23P
Low-Voltage H-Bridge IC With LDO Voltage Regulator
DRV8850 TI1-DRV8850_16 Datasheet
2Mb / 30P
Low-Voltage H-Bridge IC with LDO Voltage Regulator
logo
SHENZHEN FUMAN ELECTRON...
SC1117 FUMAN-SC1117 Datasheet
481Kb / 8P
800mA LDO Regulator IC
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com