Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLED15 Datasheet(PDF) 3 Page - CUI INC

Part # VLED15
Description  LED DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VLED15 Datasheet(HTML) 3 Page - CUI INC

  VLED15_V01 Datasheet HTML 1Page - CUI INC VLED15_V01 Datasheet HTML 2Page - CUI INC VLED15_V01 Datasheet HTML 3Page - CUI INC VLED15_V01 Datasheet HTML 4Page - CUI INC VLED15_V01 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
cui.com
date
09/16/2013 │ page 3 of 5
CUI Inc
│ SERIES: VLED15 │ DESCRIPTION: LED DRIVER
(2 PLCS) 5.00
81.62 3.213
56.22 2.213
152.00 5.984
9.50 0.374
(2 PLCS)
SCALE: 1:2
MECHANICAL DRAWING
units: mm
tolerance: ±0.3 mm
unless otherwise specified
MECHANICAL
parameter
conditions/description
min
typ
max
units
dimensions
82 x 56 x 29 (3.21 x 2.21 x 1.13 inch)
mm
weight
145
5.1
g
oz
For more information, please visit the product page.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com