Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VLED15 Datasheet(PDF) 1 Page - CUI INC

Part # VLED15
Description  LED DRIVER
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

VLED15 Datasheet(HTML) 1 Page - CUI INC

  VLED15_V01 Datasheet HTML 1Page - CUI INC VLED15_V01 Datasheet HTML 2Page - CUI INC VLED15_V01 Datasheet HTML 3Page - CUI INC VLED15_V01 Datasheet HTML 4Page - CUI INC VLED15_V01 Datasheet HTML 5Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
cui.com
date
09/16/2013
page
1 of 5
SERIES:
VLED15 │ DESCRIPTION: LED DRIVER
MODEL
output voltage1
output current
output wattage
efficiency
min
(Vdc)
max
(Vdc)
min
(mA)
max
(mA)
max
(W)
max
(%)
VLED15-120-350
24
48
0
350
16.8
80
VLED15-120-480
10
13.5
0
480
6.5
80
VLED15-120-600
8
12
0
600
7.2
80
VLED15-120-700
16
24
0
700
16.8
80
VLED15-120-800
8
12
0
800
9.6
80
VLED15-120-900
10
16
0
900
14.4
80
VLED15-120-900L
8
12
0
900
10.8
80
VLED15-120-1000
10
16
0
1,000
16
80
VLED15-120-1200
10
14.1
0
1,200
16.92
80
VLED15-120-1250
8
12
0
1,250
15
80
VLED15-120-14002
8
11.5
0
1,400
16.1
80
VLED15-120-1500
5
10
0
1,500
15
80
VLED15-230-350
24
48
0
350
16.8
80
VLED15-230-480
10
13.5
0
480
6.5
80
VLED15-230-600
8
12
0
600
7.2
80
VLED15-230-700
16
24
0
700
16.8
80
VLED15-230-800
8
12
0
800
9.6
80
VLED15-230-900
10
16
0
900
14.4
80
VLED15-230-900L
8
12
0
900
10.8
80
VLED15-230-1000
10
16
0
1,000
16
80
VLED15-230-1200
10
14.1
0
1,200
16.92
80
VLED15-230-1250
8
12
0
1,250
15
80
VLED15-230-14002
8
11.5
0
1,400
16.1
80
VLED15-230-1500
5
10
0
1,500
15
80
Note:
1. Total LED forward voltage must be within these ratings under all conditions including dimming
2. 80°C maximum case rating
3. Ripple Current: <40% (p-p) of maximum Output Current with no dimming
FEATURES
• constant current
• high efficiency
• 90~135 Vac and 176~265 Vac input range available
• 0.35~1.5 A output current
• operates with industry standard dimmers
• compact encapsulated assembly
• active power factor correction
• over voltage, over current, over temperature protection max.,
short circuit protection: auto recovery
• high temperature operation (up to 90°C case)
• UL approved, ENEC approved, CE Mark
• long life > 50,000 hours
RoHS
For more information, please visit the product page.


Similar Part No. - VLED15_V01

ManufacturerPart #DatasheetDescription
logo
CUI INC
VLED15-120-1000 CUI-VLED15-120-1000 Datasheet
171Kb / 5P
LED DRIVER
VLED15-120-1000 CUI-VLED15-120-1000 Datasheet
146Kb / 5P
LED DRIVER
VLED15-120-1000 CUI-VLED15-120-1000 Datasheet
157Kb / 5P
LED DRIVER
VLED15-120-1200 CUI-VLED15-120-1200 Datasheet
171Kb / 5P
LED DRIVER
VLED15-120-1200 CUI-VLED15-120-1200 Datasheet
146Kb / 5P
LED DRIVER
More results

Similar Description - VLED15_V01

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TLC5904 TI-TLC5904 Datasheet
414Kb / 27P
LED DRIVER
TLC5911 TI-TLC5911 Datasheet
474Kb / 30P
LED DRIVER
logo
Rohm
BA618 ROHM-BA618 Datasheet
74Kb / 4P
LED driver
logo
Texas Instruments
TLC5923 TI-TLC5923 Datasheet
246Kb / 15P
LED DRIVER
logo
Infineon Technologies A...
BCR402R INFINEON-BCR402R_09 Datasheet
91Kb / 8P
LED Driver
2009-11-13
BCR420U INFINEON-BCR420U Datasheet
132Kb / 12P
LED Driver
2010-01-15
logo
CUI INC
VLED15 CUI-VLED15 Datasheet
171Kb / 5P
LED DRIVER
logo
List of Unclassifed Man...
CC3512 ETC1-CC3512 Datasheet
131Kb / 2P
LED Driver
logo
AIMTEC
AMLB-1810IZ AIMTEC-AMLB-1810IZ Datasheet
338Kb / 3P
LED Driver
AMLDW-6070-RZ AIMTEC-AMLDW-6070-RZ Datasheet
308Kb / 3P
LED Driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com