Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CAML9210 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # CAML9210
Description  L-Band Low Noise Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

CAML9210 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  CAML9210 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
D AICO Industr ies
LNA
16
310.507.3242 • FAX 310.507.5701 • www.daico.com
MODEL NUMBER
CAML9210
FEATURES
• 1.2-1.4 GHz
• Gain 28 dB
• 1 dB Noise Figure
• Phase Flatness ±2 deg
L-Band Low Noise Amplifier


Similar Part No. - CAML9210

ManufacturerPart #DatasheetDescription
logo
FOTEK CONTROLS CO., LTD...
CAM-2MX FOTEK-CAM-2MX Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
CAM-2MX-V FOTEK-CAM-2MX-V Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
CAM-2MXB FOTEK-CAM-2MXB Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
CAM-2MXB-V FOTEK-CAM-2MXB-V Datasheet
903Kb / 4P
M18 TUBULAR TYPE PHOTO SENSOR
logo
STMicroelectronics
CAM-55G0 STMICROELECTRONICS-CAM-55G0 Datasheet
1Mb / 5P
VD55G0 promodules: Camera module evaluation samples for instant integration of VD55G0 sensor
17-May-2024
More results

Similar Description - CAML9210

ManufacturerPart #DatasheetDescription
logo
NEC
NE52118 NEC-NE52118 Datasheet
63Kb / 12P
L to S BAND LOW NOISE AMPLIFIER NPN GaAs HBT
NE52118 NEC-NE52118_00 Datasheet
41Kb / 7P
L TO S BAND LOW NOISE AMPLIFIER NPN GaAs HBT
NE76118 NEC-NE76118_00 Datasheet
32Kb / 4P
GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
logo
United Monolithic Semic...
CHA1077A UMS-CHA1077A Datasheet
508Kb / 8P
W-band Low Noise Amplifier
logo
California Eastern Labs
NE76118 CEL-NE76118 Datasheet
33Kb / 4P
GaAs MESFET L TO S BAND LOW NOISE AMPLIFIER
logo
TriQuint Semiconductor
TGA4508 TRIQUINT-TGA4508_15 Datasheet
359Kb / 11P
Ka Band Low Noise Amplifier
logo
United Monolithic Semic...
CHA1077A UMS-CHA1077A_15 Datasheet
127Kb / 6P
W-band Low Noise Amplifier
CHA3801-99F UMS-CHA3801-99F_15 Datasheet
315Kb / 10P
L-Band Low Noise Amplifier
CHA3801-QDG UMS-CHA3801-QDG_15 Datasheet
550Kb / 12P
L-Band Low Noise Amplifier
logo
Infineon Technologies A...
BGA855N6 INFINEON-BGA855N6 Datasheet
477Kb / 13P
Low Noise Amplifier for Lower L-Band GNSS Applications
Revision 2.0 2018-12-06
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com