Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

534310 Datasheet(PDF) 1 Page - Festo Corporation.

Part # 534310
Description  534310
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

534310 Datasheet(HTML) 1 Page - Festo Corporation.

  534310 Datasheet HTML 1Page - Festo Corporation. 534310 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Ball valve
VAPB-2 1/2-F-25-F07
Part number: 534310
Data sheet
Feature
Value
Structural design
2-way ball valve
Actuation type
Mechanical
Sealing principle
Soft
Mounting position
Any
Type of mounting
Line installation
Fitting connection
Rp2 1/2
Switching position indication
Slot direction = flow direction
Flange hole pattern
F07
Nominal width DN
63
Flow direction
Reversible
Nominal pressure of fitting PN
25
Breakaway torque at differential pressure, nominal pressure, fitting PN
45 Nm
Breakaway torque at 10 bar differential pressure
33 Nm
7/7/22 - Subject to change - Festo SE & Co. KG
1/2


Similar Part No. - 534310

ManufacturerPart #DatasheetDescription
logo
Pomona Electronics
5343 POMONA-5343 Datasheet
61Kb / 1P
Retractable Sheath Banana To BNC Male
5343-C-36 POMONA-5343-C-36 Datasheet
61Kb / 1P
Retractable Sheath Banana To BNC Male
5343-C-60 POMONA-5343-C-60 Datasheet
61Kb / 1P
Retractable Sheath Banana To BNC Male
logo
Festo Corporation.
534302 FESTO-534302 Datasheet
97Kb / 2P
Ball valve
7/7/22
logo
Aavid, Thermal Division...
534302B03553 AAVID-534302B03553 Datasheet
80Kb / 2P
For use with TO-220 packages
2/25/2003
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com