Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

534310 Datasheet(PDF) 2 Page - Festo Corporation.

Part # 534310
Description  534310
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FESTO [Festo Corporation.]
Direct Link  https://www.festo.com/us/en/
Logo FESTO - Festo Corporation.

534310 Datasheet(HTML) 2 Page - Festo Corporation.

  534310 Datasheet HTML 1Page - Festo Corporation. 534310 Datasheet HTML 2Page - Festo Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Feature
Value
Based on norm
ISO 5211
Symbol
00991458
Medium
Compressed air as per ISO 8573-1:2010 [-:-:-]
Inert gas
Water
Neutral liquids
Temperature of medium
-20 °C ... 150 °C
Flow rate Kv
535 m³/h
Note on materials
Contains paint-wetting impairment substances
RoHS-compliant
Housing material
Brass
Nickel-plated
Material number of housing
CW617N
Seals material
HNBR
PTFE
Ball material
Brass
Hard-chrome-plated
Material number for ball
CW617N
Shaft material
Brass
Material number for shaft
CW614N
Product weight
3100 g
CE marking (see declaration of conformity)
as per EU pressure equipment directive
Corrosion resistance class (CRC)
1 - Low corrosion stress
7/7/22 - Subject to change - Festo SE & Co. KG
2/2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com