Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8536AT Datasheet(PDF) 22 Page - NXP Semiconductors

Part # PCF8536AT
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT Datasheet(HTML) 22 Page - NXP Semiconductors

Back Button PCF8536AT Datasheet HTML 18Page - NXP Semiconductors PCF8536AT Datasheet HTML 19Page - NXP Semiconductors PCF8536AT Datasheet HTML 20Page - NXP Semiconductors PCF8536AT Datasheet HTML 21Page - NXP Semiconductors PCF8536AT Datasheet HTML 22Page - NXP Semiconductors PCF8536AT Datasheet HTML 23Page - NXP Semiconductors PCF8536AT Datasheet HTML 24Page - NXP Semiconductors PCF8536AT Datasheet HTML 25Page - NXP Semiconductors PCF8536AT Datasheet HTML 26Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
22 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
8.6 Clock and frame frequency command
8.6.1 Oscillator
The internal logic and LCD drive signals of the PCA8530 are timed by the clock frequency
fclk, which is either internally generated by an on-chip oscillator circuit or externally
supplied.
The clock frequency fclk determines the internal data flow of the device that includes the
transfer of display data from the display RAM to the display segment outputs and the
generation of the LCD frame frequency.
8.6.2 External clock
When an external clock is used, the input pin OSC must be connected to VDD1. The clock
must be supplied to the CLK pin and must have an amplitude equal to the VDD1 voltage
supplied to the chip and be referenced to VSS1.
Remark: If an external clock is used, then this clock signal must always be supplied to the
device. Removing the clock may freeze the LCD in a DC state, which is not suitable for the
liquid crystal. Removal of the clock is possible when following the correct procedures as
described in Section 8.8.3 on page 29.
8.6.3 Internal clock
In applications where the internal clock is used, the input pin OSC must be connected to
VSS1. It is possible to make the clock frequency available on pin CLK by setting bit COE
logic 1 (see Table 10 on page 12). If pin CLK is not used, it should be left open. At
power-on the signal at pin CLK is disabled and pin CLK is in 3-state.
8.6.4 Command: Frame-frequency
With this command, the clock and frame frequency can be programmed when using the
internal clock.
The duty ratio of the clock output may change when choosing different values for the
frame frequency (see Table 24).
The LCD frame frequency is derived from the clock frequency by a fixed division (see
Equation 1).
(1)
Table 23.
Frame-frequency - frame frequency select command bit description
Bit
Symbol
Value
Description
-R/W
0
fixed value
-
RS[1:0]
00
fixed value
7 to 5
-
111
fixed value
4 to 0
FF[4:0]
see Table 24
clock and frame frequency (Hz)
f
fr
f
clk
144
---------
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com