Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8536AT Datasheet(PDF) 50 Page - NXP Semiconductors

Part # PCF8536AT
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT Datasheet(HTML) 50 Page - NXP Semiconductors

Back Button PCF8536AT Datasheet HTML 46Page - NXP Semiconductors PCF8536AT Datasheet HTML 47Page - NXP Semiconductors PCF8536AT Datasheet HTML 48Page - NXP Semiconductors PCF8536AT Datasheet HTML 49Page - NXP Semiconductors PCF8536AT Datasheet HTML 50Page - NXP Semiconductors PCF8536AT Datasheet HTML 51Page - NXP Semiconductors PCF8536AT Datasheet HTML 52Page - NXP Semiconductors PCF8536AT Datasheet HTML 53Page - NXP Semiconductors PCF8536AT Datasheet HTML 54Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
50 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
8.11 Backplane outputs
The LCD drive section includes 4 backplane outputs: COM0 to COM3. The backplanes
are double implemented to offer a higher flexibility for the glass layout.
The backplane output signals are generated based on the selected LCD multiplex drive
mode. Table 36 describes which outputs are active for each of the multiplex drive modes
and what signal is generated.
Table 37 describes the corresponding layout topology.
8.11.1 Driving strength on the backplanes
Corresponding output pins (COMx), which are carrying the same signal (BPx), may
optionally be connected to the display. This allows gaining a higher driving strength. If not
required, the unused pins can be left open-circuit.
8.12 Segment outputs
The LCD drive section includes 102 segment outputs (S0 to S101) which must be
connected directly to the LCD. The segment output signals are generated based on the
multiplexed backplane signals and with data resident in the display register. When less
than 102 segment outputs are required, the unused segment outputs must be left
open-circuit.
8.13 Display register
The display register holds the display data while the corresponding multiplex signals are
generated.
Table 36.
Mapping of output pins and corresponding output signals with respect to the
multiplex driving mode
Multiplex
drive mode
Output pin
COM0
COM1
COM2
COM3
Signal
static
BP0
BP0
BP0
BP0
1:2
BP0
BP1
BP0
BP1
1:4
BP0
BP1
BP2
BP3
Table 37.
Layout topology of output pins and corresponding output signals with respect to
the multiplex driving mode
Multiplex drive mode
Static
1:2
1:4
Signal
On pin
Signal
On pin
Signal
On pin
BP0
COM0
BP0
COM0
BP0
COM0
COM1
COM2
BP1
COM1
COM2
BP1
COM1
BP2
COM2
COM3
COM3
BP3
COM3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com