Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF8536AT Datasheet(PDF) 101 Page - NXP Semiconductors

Part # PCF8536AT
Description  Automotive 102 x 4 Chip-On-Glass LCD segment driver
PDF  103 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF8536AT Datasheet(HTML) 101 Page - NXP Semiconductors

Back Button PCF8536AT Datasheet HTML 95Page - NXP Semiconductors PCF8536AT Datasheet HTML 96Page - NXP Semiconductors PCF8536AT Datasheet HTML 97Page - NXP Semiconductors PCF8536AT Datasheet HTML 98Page - NXP Semiconductors PCF8536AT Datasheet HTML 99Page - NXP Semiconductors PCF8536AT Datasheet HTML 100Page - NXP Semiconductors PCF8536AT Datasheet HTML 101Page - NXP Semiconductors PCF8536AT Datasheet HTML 102Page - NXP Semiconductors PCF8536AT Datasheet HTML 103Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 101 / 103 page
background image
PCA8530
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product data sheet
Rev. 2 — 25 September 2014
101 of 103
NXP Semiconductors
PCA8530
Automotive 102 x 4 Chip-On-Glass LCD segment driver
27. Figures
Fig 1.
Block diagram of PCA8530 . . . . . . . . . . . . . . . . . .4
Fig 2.
Pinning diagram of PCA8530DUG. . . . . . . . . . . . .5
Fig 3.
Recommended start-up sequence when using the
internal charge pump and the internal
clock signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27
Fig 4.
Recommended start-up sequence when using an
external supplied VLCD and the internal
clock signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . .27
Fig 5.
Recommended start-up sequence when using the
internal charge pump and an external
clock signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28
Fig 6.
Recommended start-up sequence when using an
external supplied VLCD and an external
clock signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . .28
Fig 7.
Recommended power-down sequence for minimum
power-down current when using the internal
charge pump and the internal clock signal. . . . . .29
Fig 8.
Recommended power-down sequence when using
an external supplied VLCD and the internal
clock signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30
Fig 9.
Recommended power-down sequence when using
the internal charge pump and an external
clock signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . .30
Fig 10. Recommended power-down sequence when using
an external supplied VLCD and an external
clock signal . . . . . . . . . . . . . . . . . . . . . . . . . . . . .31
Fig 11. Example of display types suitable for PCA8530 .32
Fig 12. Typical system configuration if using the internal
VLCD generation and I2C-bus . . . . . . . . . . . . . . . .33
Fig 13. Typical system configuration if using the
external VLCD and SPI-bus . . . . . . . . . . . . . . . . .33
Fig 14. VLCD generation including temperature
compensation . . . . . . . . . . . . . . . . . . . . . . . . . . .35
Fig 15. VLCD programming of PCA8530 (assuming
VT[8:0] = 0h) . . . . . . . . . . . . . . . . . . . . . . . . . . . .36
Fig 16. Charge pump model (used to characterize
the driving strength) . . . . . . . . . . . . . . . . . . . . . . .36
Fig 17. Charge pump driving capability with
VDD2 = 3.0 V. . . . . . . . . . . . . . . . . . . . . . . . . . . . .37
Fig 18. Charge pump driving capability with
VDD2 = 5.0 V. . . . . . . . . . . . . . . . . . . . . . . . . . . . .38
Fig 19. VLCD with respect to Iload at VDD2 = 3 V . . . . . . . .39
Fig 20. VLCD with respect to Iload at VDD2 = 5 V . . . . . . . .39
Fig 21. Temperature measurement block with digital
temperature filter . . . . . . . . . . . . . . . . . . . . . . . . .40
Fig 22. Temperature measurement delay . . . . . . . . . . . .41
Fig 23. Example of segmented temperature coefficients.42
Fig 24. Electro-optical characteristic: relative transmission
curve of the liquid. . . . . . . . . . . . . . . . . . . . . . . . .45
Fig 25. Static drive mode waveforms, line inversion mode
(n = 1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .46
Fig 26. Waveforms for the 1:2 multiplex drive mode,
1⁄2 bias, line inversion mode (n = 1) . . . . . . . . . . .47
Fig 27. Waveforms for the 1:2 multiplex drive mode,
1⁄3 bias, line inversion mode (n = 1) . . . . . . . . . . .48
Fig 28. Waveforms for the 1:4 multiplex drive mode,
1⁄3 bias, line inversion mode (n = 1). . . . . . . . . . . 49
Fig 29. Display RAM bitmap and bank definition . . . . . . 53
Fig 30. Bank selection in multiplex drive mode 1:2 . . . . . 54
Fig 31. Example of the Bank-select command with
multiplex drive mode 1:2 . . . . . . . . . . . . . . . . . . . 54
Fig 32. Control byte format . . . . . . . . . . . . . . . . . . . . . . . 56
Fig 33. I2C-bus - bit transfer . . . . . . . . . . . . . . . . . . . . . . 57
Fig 34. I2C-bus - definition of START and STOP
conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
Fig 35. I2C-bus - system configuration . . . . . . . . . . . . . . 58
Fig 36. Acknowledgement on the I2C-bus. . . . . . . . . . . . 59
Fig 37. I2C-bus protocol - write mode . . . . . . . . . . . . . . . 60
Fig 38. I2C-bus protocol - read mode . . . . . . . . . . . . . . . 60
Fig 39. SPI-bus protocol - data transfer overview . . . . . . 61
Fig 40. SPI-bus example. . . . . . . . . . . . . . . . . . . . . . . . . 62
Fig 41. SPI-bus protocol - read example. . . . . . . . . . . . . 62
Fig 42. SPI-bus protocol - write example . . . . . . . . . . . . 62
Fig 43. Device protection diagram . . . . . . . . . . . . . . . . . 63
Fig 44. Typical IDD1 with respect to temperature . . . . . . . 69
Fig 45. Typical IDD2 with respect to temperature . . . . . . . 69
Fig 46. Typical IDD3 with respect to temperature . . . . . . . 70
Fig 47. Typical IDD(LCD) with respect to temperature . . . . 70
Fig 48. Typical VLCD variation with respect to
temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
Fig 49. Typical frame frequency variation with respect to
temperature. . . . . . . . . . . . . . . . . . . . . . . . . . . . . 71
Fig 50. Measurement temperature variation with
respect to temperature . . . . . . . . . . . . . . . . . . . . 72
Fig 51. Driver timing waveforms . . . . . . . . . . . . . . . . . . . 73
Fig 52. I2C-bus timing . . . . . . . . . . . . . . . . . . . . . . . . . . . 75
Fig 53. SPI-bus timing. . . . . . . . . . . . . . . . . . . . . . . . . . . 76
Fig 54. Recommended ITO connections for the I2C
interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 78
Fig 55. Recommended ITO connections for the SPI
interface . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 79
Fig 56. Cascaded configuration with two PCA8530
with external VLCD and internal clock . . . . . . . . . 81
Fig 57. Cascaded configuration with two PCA8530
with internal VLCD and external clock . . . . . . . . . 82
Fig 58. Cascade configuration for data reading . . . . . . . 84
Fig 59. Bare die outline of PCA8530DUG . . . . . . . . . . . . 85
Fig 60. Alignment marks . . . . . . . . . . . . . . . . . . . . . . . . . 89
Fig 61. Tray details of PCA8530DUG . . . . . . . . . . . . . . . 91
Fig 62. Die alignment in the tray . . . . . . . . . . . . . . . . . . . 92



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com