Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1202480098 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 1202480098
Description  MPIS M12 PNP 5P 8PT AC FE STR XM 19 P MC MA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1202480098 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  1202480098 Datasheet HTML 1Page - Molex Electronics Ltd. 1202480098 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ELECTRICAL AND MECHANICAL DATA ACC. TO IEC 61076-2-101
NOMINAL VOLTAGE:
10-30 V DC
AMPERE RATING:
4 A PER PORT / 12 A MAX
AMPERE RATING WITH UL REGISTRATION: 3 A PER PORT / 9 A MAX
IP DEGREE OF PROTECTION:
IP 67
TEMPERATURE RANGE:
-25°C to + 85°C
TABLE 1
L SEE TABLE 1
19 POLE MALE
FACE VIEW
SCALE 2:1
PIN
COLOR
1
VIOLET
2
RED
3
GREY
4
RED/BLUE
5
BLUE
6
GREEN
7
BROWN
8
WHITE/GREEN
9
WHITE/YELLOW
10
WHITE/GREY
11
BLACK
12
YELLOW/GREEN
13
YELLOW/BROWN
14
BROWN/GREEN
15
WHITE
16
YELLOW
17
PINK
18
GREY/BROWN
19
GREY/PINK
WIRING DIAGRAMM
GENERAL CHARACTERISTICS:
LABEL
9x packed in a bag.
1
2
3
5
6
7
8
9
10
11
12
4
73 ±0.35
107
57
27
152
2x FIXING HOLES
SUITABLE FOR M4
SCREWS
2x FIXING HOLES
SUITABLE FOR M4
SCREWS
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
MOLEX P/N
ENG. NO.
CABLE LENGTH (mm) LED
1202480088 BTB812P-FBW-003
300
YES
1202480100
BTB812P-FBW-01
1000
YES
1202480101
BTB812P-FBW-05
5000
YES
1202480102
BTB812P-FBW-10
10000
YES
1202480095 BTB812N-FBW-003
300
YES
1202480096 BTB812N-FBW-01
1000
YES
1202480097 BTB812N-FBW-05
5000
YES
1202480098 BTB812N-FBW-10
10000
YES
1202480099 BTB8120-FBW-003
300
NO
1202480092
BTB8120-FBW-01
1000
NO
1202480093 BTB8120-FBW-050
5000
NO
1202480094
BTB8120-FBW-10
10000
NO
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
CURRENT REV DESC: LASER PRINT EDIT
EC NO: 606042
DRWN: MDHARMANTI
2018/08/30
CHK'D: RSILLER
2018/10/18
APPR:
RSILLER
2018/10/18
INITIAL REVISION:
DRWN: ULETTENMEIER
2016/08/18
APPR:
RSILLER
2016/09/28
THIRD ANGLE PROJECTION
DRAWING
SERIES
A3-SIZE 120248
DIMENSION UNITS
SCALE
mm
1:1
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
°
4 PLACES
±
3 PLACES
±
2 PLACES
±
1 PLACE
±
0 PLACES
±
0.25
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
MPIS M12 PNP 5P 8PT AC FE STR XM
19 P MC MA
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
REVISION
1202480088
PSD 000
B
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE TABLE 1
GENERAL MARKET
1 OF 2
SYMBOLS
= 0
= 0
= 0
= 0
= 0
= 0
= 0
= 0
= 0
FORMAT: master-tb-prod-A3
REVISION: H
DATE: 2018/01/18
DOCUMENT STATUS
P1
RELEASE DATE
2018/10/18
10:41:28
C
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
A
A
B
B
C
C
D
D
E
E
LASER PRINTING:
PN: 120248XXXX
ENG.: BTB812X-FBW-XX or -XXX
PO: XXXXXXXXX
LASER PRINTING
BRAD LOGO


Similar Part No. - 1202480098

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1202480001 MOLEX-1202480001 Datasheet
516Kb / 2P
MPIS M12 PNP NPN NOS 4P 4PT AC FE STR BK XM STA SINGLE
2018/10/18
1202480001 MOLEX-1202480001 Datasheet
516Kb / 2P
MPIS M12 PNP NPN NOS 4P 4PT AC FE STR BK XM STA SINGLE
2018/10/18
1202480002 MOLEX-1202480002 Datasheet
516Kb / 2P
MPIS M12 PNP NPN NOS 4P 4PT AC FE STR BK XM STA SINGLE
2018/10/18
1202480002 MOLEX-1202480002 Datasheet
516Kb / 2P
MPIS M12 PNP NPN NOS 4P 4PT AC FE STR BK XM STA SINGLE
2018/10/18
1202480003 MOLEX-1202480003 Datasheet
516Kb / 2P
MPIS M12 PNP NPN NOS 4P 4PT AC FE STR BK XM STA SINGLE
2018/10/18
More results

Similar Description - 1202480098

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
1201140089 MOLEX-1201140089 Datasheet
291Kb / 3P
MPIS M12 PNP NPN NOS 5P 6PT AC FE STR XM
2013/07/17
1201140090 MOLEX-1201140090 Datasheet
291Kb / 3P
MPIS M12 PNP NPN NOS 5P 6PT AC FE STR XM
2013/07/17
1201140092 MOLEX-1201140092 Datasheet
291Kb / 3P
MPIS M12 PNP NPN NOS 5P 6PT AC FE STR XM
2013/07/17
1201140093 MOLEX-1201140093 Datasheet
291Kb / 3P
MPIS M12 PNP NPN NOS 5P 6PT AC FE STR XM
2013/07/17
1201140182 MOLEX-1201140182 Datasheet
249Kb / 3P
MPIS M12 PNP NPN NOS 5P 6PT AC FE STR XM
2011/12/20
1201148024 MOLEX-1201148024 Datasheet
275Kb / 3P
MPIS M12 PNP NPN NOS 5P 6PT AC FE STR XM
2011/12/20
1202480046 MOLEX-1202480046 Datasheet
799Kb / 2P
MPIS M12 PNP NOS 5P 8PT AC FE STR XM STA DUAL
2018/10/18
1202480047 MOLEX-1202480047 Datasheet
799Kb / 2P
MPIS M12 PNP NOS 5P 8PT AC FE STR XM STA DUAL
2018/10/18
1202480048 MOLEX-1202480048 Datasheet
799Kb / 2P
MPIS M12 PNP NOS 5P 8PT AC FE STR XM STA DUAL
2018/10/18
1202480087 MOLEX-1202480087 Datasheet
731Kb / 2P
MPIS M12 FA PNP 5P 8PT AC FE
2018/02/09
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com