Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1202480098 Datasheet(PDF) 2 Page - Molex Electronics Ltd.

Part # 1202480098
Description  MPIS M12 PNP 5P 8PT AC FE STR XM 19 P MC MA
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX - Molex Electronics Ltd.

1202480098 Datasheet(HTML) 2 Page - Molex Electronics Ltd.

  1202480098 Datasheet HTML 1Page - Molex Electronics Ltd. 1202480098 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PIN NO
19
15
4
6
8
16
14
3
9
17
13
2
10
11
18
1
PIN NO
12
7
5
PIN NO
12
7
5
PIN NO
19
15
4
6
8
16
14
3
9
17
13
2
10
11
18
1
PIN NO
19
15
4
6
8
16
14
3
9
17
13
2
10
11
18
1
PIN NO
12
7
5
ITEM
DESCRIPTION
MATERIAL
FINISH
1
LABEL
ABS
WHITE
2
CABLE PLATE
PBT
BLACK
3
CABLE
TPU BASED
BLACK
4
CONTACT
BRASS
GOLD OVER NICKEL
5
O-RING
FPM
RED
6
LED
NO LED = PA
BLACK
WITH LED = PA
TRANSPARENT
7
SHELL
BRASS
NICKEL PLATED
8
HOUSING
PBT
BLACK
9
OVERMOLDING
PVC
YELLOW
10
COUPLING NUT ZINC DIE CAST
BLACK
11
INSERT 7 POLE
PVC
BLACK
12
CONTACT
BRASS
GOLD OVER NICKEL
TABLE 2 BILL OF MATERIAL
THIS DRAWING CONTAINS INFORMATION THAT IS PROPRIETARY TO MOLEX ELECTRONIC TECHNOLOGIES, LLC AND SHOULD NOT BE USED WITHOUT WRITTEN PERMISSION
CURRENT REV DESC: LASER PRINT EDIT
EC NO: 606042
DRWN: MDHARMANTI
2018/08/30
CHK'D: RSILLER
2018/10/18
APPR:
RSILLER
2018/10/18
INITIAL REVISION:
DRWN: ULETTENMEIER
2016/08/18
APPR:
RSILLER
2016/09/28
THIRD ANGLE PROJECTION
DRAWING
SERIES
A3-SIZE 120248
DIMENSION UNITS
SCALE
mm
1:1
GENERAL TOLERANCES
(UNLESS SPECIFIED)
ANGULAR TOL
±
°
4 PLACES
±
3 PLACES
±
2 PLACES
±
1 PLACE
±
0 PLACES
±
0.25
DRAFT WHERE APPLICABLE
MUST REMAIN
WITHIN DIMENSIONS
MPIS M12 PNP 5P 8PT AC FE STR XM
19 P MC MA
PRODUCT CUSTOMER DRAWING
DOCUMENT NUMBER
DOC TYPE
DOC PART
REVISION
1202480088
PSD 000
B
MATERIAL NUMBER
CUSTOMER
SHEET NUMBER
SEE TABLE 1
GENERAL MARKET
2 OF 2
SYMBOLS
= 0
= 0
= 0
= 0
= 0
= 0
= 0
= 0
= 0
FORMAT: master-tb-prod-A3
REVISION: H
DATE: 2018/01/18
DOCUMENT STATUS
P1
RELEASE DATE
2018/10/18
10:41:28
C
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
A
A
B
B
C
C
D
D
E
E



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com