Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT21 Datasheet(PDF) 2 Page - CUI INC

Part # AMT21
Description  MODULAR ABSOLUTE ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT21 Datasheet(HTML) 2 Page - CUI INC

  AMT21 Datasheet HTML 1Page - CUI INC AMT21 Datasheet HTML 2Page - CUI INC AMT21 Datasheet HTML 3Page - CUI INC AMT21 Datasheet HTML 4Page - CUI INC AMT21 Datasheet HTML 5Page - CUI INC AMT21 Datasheet HTML 6Page - CUI INC AMT21 Datasheet HTML 7Page - CUI INC AMT21 Datasheet HTML 8Page - CUI INC AMT21 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
CUI Devices
│ SERIES: AMT21 │ DESCRIPTION: MODULAR ABSOLUTE ENCODER
date 09/10/2021
│ page 2 of 10
cuidevices.com
ENVIRONMENTAL
parameter
conditions/description
min
typ
max
units
operating temperature
-40
105
°C
humidity
non-condensing
85
%
vibration
10~500 Hz, 5 minute sweep, 2 hours on each XYZ
5
G
shock
3 pulses, 6 ms, 3 on each XYZ
200
G
RoHS
yes
REACH
EC 1907/2006
RS485 INTERFACE – 2 MBPS DATA RATE (A,B,C,D OPTIONS)
parameter
conditions/description
min
typ
max
units
protocol
RS485 balanced digital multi-port interface
data rate
8 data bits, no parity, 1 stop bit, asynchronous
2
Mbps
transceiver
Texas Instruments SN65HVD75
turnaround time
time before encoder responds with position
3
µs
driver differential output
voltage magnitude
load resistance = 54 Ω
1.5
2
3.3
V
RS485 INTERFACE – ADJUSTABLE DATA RATE (E,F,G,H OPTIONS)
parameter
conditions/description
min
typ
max
units
protocol
RS485 balanced digital multi-port interface
data rate3,4
8 data bits, no parity, 1 stop bit, asynchronous
115,200; 38,400; 19,200; 9,600
bps
transceiver
Texas Instruments SN65HVD72
turnaround time
time before encoder responds with position
115,200 bps
38,400 bps
19,200 bps
9,600 bps
10.8
30
56
110
µs
µs
µs
µs
driver differential output
voltage magnitude
load resistance = 54 Ω
1.5
2
3.3
V
Notes:
3. Data rate configured with AMT ViewpointTM
4. Default data rate on kits is 115,200 bps.
Checksum
The AMT21 encoder uses a checksum calculation for detecting transmission errors. The upper two bits of every response
from the encoder are check bits. Those values are shown in the examples below as K1 and K0. The check bits are odd
parity; K1 for the odd bits in the response, and K0 for the even bits in the response. These check bits are not part of the
position, but are used to verify its validity. The remaining lower 14 bits are the useful data. Here is an example of how to
calculate the checkbits for a 16-bit response, from a 14-bit encoder.
Full response: 0x61AB
14-bit position: 0x21AB (8619 decimal)
Checkbit Formula
Odd: K1 = !(H5^H3^H1^L7^L5^L3^L1)
Even: K0 = !(H4^H2^H0^L6^L4^L2^L0)
From the above response 0x61AB:
Odd: 0 = !(1^0^0^1^1^1^1) = correct
Even: 1 = !(0^0^1^0^0^0^1) = correct
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com