Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AMT21 Datasheet(PDF) 4 Page - CUI INC

Part # AMT21
Description  MODULAR ABSOLUTE ENCODER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

AMT21 Datasheet(HTML) 4 Page - CUI INC

  AMT21 Datasheet HTML 1Page - CUI INC AMT21 Datasheet HTML 2Page - CUI INC AMT21 Datasheet HTML 3Page - CUI INC AMT21 Datasheet HTML 4Page - CUI INC AMT21 Datasheet HTML 5Page - CUI INC AMT21 Datasheet HTML 6Page - CUI INC AMT21 Datasheet HTML 7Page - CUI INC AMT21 Datasheet HTML 8Page - CUI INC AMT21 Datasheet HTML 9Page - CUI INC Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
CUI Devices
│ SERIES: AMT21 │ DESCRIPTION: MODULAR ABSOLUTE ENCODER
date 09/10/2021
│ page 4 of 10
cuidevices.com
RS485 INTERFACE EXAMPLES
Single character commands
Read Position: <node_address>
The read position command is the same as the node address which has a default value of 0x54 is sent and the response
is received with the low byte first. After removing the checksum the result is 0x39E4. For a 14-bit encoder nothing else is
required, the position is 14820 in decimal. However if this is a 12-bit encoder, the position must be shifted to the right 2
bits to throw away the low bits of the response. Therefore the position would be 3705 in decimal.
Read Turns (multi-turn encoders only): <node_address + 0x01>
The turns counter command is <node_address + 0x01>. By default the turns counter command is 0x55. The encoder
responds with the low byte first and includes check bits same as the read position command. The resulting number is a
signed 14 bit number. The response above is showing 1 turn.
Extended commands
Set Zero Position (single turn encoders only): <node_address + 0x02> <0x5E>
The zero set command is <node_address + 0x02> followed by <0x5E>. By default we send 0x56 and then 0x5E. The
encoder zero’s the position and immediately resets.
Encoder Reset: <node_address + 0x02> <0x75>
The reset command is <node_address + 0x02> followed by <0x75>. By default the command to reset the encoder is 0x56
0x75. The encoder performs and immediate reset.
Additional Resources: Product Page | 3D Model



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com