Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAML6188 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DAML6188
Description  GaAs FET Low Noise Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DAML6188 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DAML6188 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
DAML6188
FEATURES
• 1.2 -1.4 GHz
• 1.15 dB Noise Figure
• 28.5 dB Gain
• +27 dBm 3rd Order Intercept Point
• Replaceable SMA Connectors
GaAs FET Low Noise Amplifier
LNA
D AICO Industr ies
9
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - DAML6188

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAML6231 DAICO-DAML6231 Datasheet
96Kb / 1P
X-Band LNA
DAML6266 DAICO-DAML6266 Datasheet
127Kb / 1P
Low Noise Amplifier
DAML6273 DAICO-DAML6273 Datasheet
176Kb / 1P
Variable Gain Low Noise Amplifier
DAML6274 DAICO-DAML6274 Datasheet
156Kb / 1P
Variable Gain Low Noise Amplifier
DAML6275 DAICO-DAML6275 Datasheet
157Kb / 1P
Variable Gain Low Noise Amplifier
More results

Similar Description - DAML6188

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF1302 MITSUBISHI-MGF1302 Datasheet
211Kb / 5P
LOW NOISE GaAs FET
MGF1303B MITSUBISHI-MGF1303B Datasheet
175Kb / 4P
LOW NOISE GaAs FET?
MGF1403B MITSUBISHI-MGF1403B Datasheet
166Kb / 4P
LOW NOISE GaAs FET?
logo
Mitsumi Electronics, Co...
MGF1402B MITSUMI-MGF1402B Datasheet
141Kb / 5P
LOW NOISE GaAs FET
logo
List of Unclassifed Man...
SPF-2086TK ETC1-SPF-2086TK Datasheet
583Kb / 5P
Low Noise pHEMT GaAs FET
logo
Mitsubishi Electric Sem...
MGF1302 MITSUBISHI-MGF1302_97 Datasheet
361Kb / 6P
LOW NOISE GaAs FET
MGF1303B MITSUBISHI-MGF1303B_97 Datasheet
327Kb / 5P
LOW NOISE GaAs FET?
MGF1402B MITSUBISHI-MGF1402B Datasheet
360Kb / 6P
LOW NOISE GaAs FET
MGF1403B MITSUBISHI-MGF1403B_1 Datasheet
317Kb / 5P
LOW NOISE GaAs FET?
logo
AVAGO TECHNOLOGIES LIMI...
AMMC-6233 AVAGO-AMMC-6233_15 Datasheet
268Kb / 9P
GaAs Low Noise Amplifier
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com