Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SFEU-API Datasheet(PDF) 15 Page - ON Semiconductor

Part # AX-SFEU-API
Description  Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SFEU-API Datasheet(HTML) 15 Page - ON Semiconductor

Back Button AX-SFEU-API Datasheet HTML 11Page - ON Semiconductor AX-SFEU-API Datasheet HTML 12Page - ON Semiconductor AX-SFEU-API Datasheet HTML 13Page - ON Semiconductor AX-SFEU-API Datasheet HTML 14Page - ON Semiconductor AX-SFEU-API Datasheet HTML 15Page - ON Semiconductor AX-SFEU-API Datasheet HTML 16Page - ON Semiconductor AX-SFEU-API Datasheet HTML 17Page - ON Semiconductor AX-SFEU-API Datasheet HTML 18Page - ON Semiconductor AX-SFEU-API Datasheet HTML 19Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 22 page
background image
AX−SFEU, AX−SFEU−API
www.onsemi.com
15
Table 10. COMMANDS
Command
Description
Name
AT$TM=mode,config
Activates the Sigfox Testmode
Available test modes:
0. TX BPSK
Send only BPSK with Synchro Bit + Synchro frame +
PN sequence: No hopping centered on the TX_frequency.
Config bits 0 to 6 define the number of repetitions. Setting bit 7 to
1 removes the delay between frames.
1. TX Protocol:
Tx mode with full protocol with Sigfox key: Send Sigfox protocol
frames with initiate downlink flag = True. Config defines the
number of repetitions.
2. RX Protocol:
This mode tests the complete downlink protocol in Downlink only.
Config defines the number of repetitions.
3. RX GFSK:
RX mode with known pattern with SB + SF + Pattern on
RX_frequency (internal comparison with received frame ⇔ known
pattern = AA AA B2 27 1F 20 41 84 32 68 C5 BA AE 79 E7 F6 DD
9B. Config defines the RX on time in seconds.
4. RX Sensitivity:
Does uplink + downlink frame with Sigfox key and specific timings.
This test is specific to SIGFOX’s test equipments & softwares.
5. TX Synthesis:
Does one uplink frame on each Sigfox channel to measure
frequency synthesis step.
AT$PN=mode,rep
(Note 3)
Send & Receive PN9 bitstream
for BER measurements
Available modes:
TX:
0, 1: start sending PN9 bit stream
0, 0: stop sending PN9 bit stream
RX:
3, rep: 3 digits BER precision
4, rep: 4 digits BER precision
5, rep: 5 digits BER precision (slow!)
Mode = 3−5 receive a PN9 bitstream and decodes it into a BER
measurement. Reports BER on UART for each repetition.Rep is the
number of measurements performed, valid range is 1−255.
AT$SE
Starts AT$TM=3,255 indefinitely Convenience command for sensitivity tests
AT$SL[=frame]
Send local loop
Sends a local loop frame with optional payload of 1 to 12 bytes.
Default payload: 0x84, 0x32, 0x68, 0xC5, 0xBA, 0x53, 0xAE, 0x79,
0xE7, 0xF6, 0xDD, 0x9B.
AT$RL
Receive local loop
Starts listening for a local loop.
AT$TP=repetitions
(Note 3)
Transient power measurement
mode
Used for transmitter transient power measurements. The command
switches the transmitter ON and OFF. During ON state (pseudo)
random bit pattern is send. Repetitions is the number of performed
measurements, acceptable range is 1−255.
3. This command is available only in AX−SFEU−1−03 and later.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com