Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX-SFEU-API Datasheet(PDF) 20 Page - ON Semiconductor

Part # AX-SFEU-API
Description  Ultra-Low Power, AT Command / API Controlled, Sigfox Compliant Transceiver IC for Up-Link and Down-Link
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

AX-SFEU-API Datasheet(HTML) 20 Page - ON Semiconductor

Back Button AX-SFEU-API Datasheet HTML 14Page - ON Semiconductor AX-SFEU-API Datasheet HTML 15Page - ON Semiconductor AX-SFEU-API Datasheet HTML 16Page - ON Semiconductor AX-SFEU-API Datasheet HTML 17Page - ON Semiconductor AX-SFEU-API Datasheet HTML 18Page - ON Semiconductor AX-SFEU-API Datasheet HTML 19Page - ON Semiconductor AX-SFEU-API Datasheet HTML 20Page - ON Semiconductor AX-SFEU-API Datasheet HTML 21Page - ON Semiconductor AX-SFEU-API Datasheet HTML 22Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 20 / 22 page
background image
AX−SFEU, AX−SFEU−API
www.onsemi.com
20
Figure 9. Solder Paste Application on Pins
Minimum 50% coverage
62% coverage
Maximum 80% coverage
Life Support Applications
This product is not designed for use in life support
appliances, devices, or in systems where malfunction of this
product can reasonably be expected to result in personal
injury. ON Semiconductor customers using or selling this
product for use in such applications do so at their own risk
and agree to fully indemnify ON Semiconductor for any
damages resulting from such improper use or sale.
Device Information
The following device information can be queried using
the AT−Commands AT$I=4, AT$I=5 for the APP version
and AT$I=2, AT$I=3 for the chip version.
Table 13. DEVICE VERSIONS
Product
Part Number
Marking
Firmware Version
Silicon Version
Major
Minor
Lower Byte
Upper Byte
AX−SFEU
AX−SFEU−1−01−XXXX
(Note 6)
AX8052F143−2
0x01
0x01
0x8F
0x51
SFEU−101
0x01
0x01
0x90
0x51
AX−SFEU−1−03−TX30
SFEU−103
0x01
0x01
0x90
0x51
AX−SFEU−API
AX−SFEU−API−1−01−XXXX
(Notes 6, 7)
AX8052F143−2
−
−
0x8F
0x51
SFEU−API−101
−
−
0x90
0x51
6. TB05 for Reel 500, TX30 for Reel 3000.
7. Updated AX−SF−LIB−1−GEVK library for AX−SFEU−API can be retrieved from ON Semiconductor website.
Sigfox and Sigfox Ready are registered trademarks of Sigfox SARL.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com