Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DAT48060 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DAT48060
Description  Attenuator 4 Section
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DAT48060 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DAT48060 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NUMBER
DAT48060
FEATURES
• 1800 - 4200 MHz
• 50 nSec Switching Speed
• CMOS Control
• 24 Pin Flatpack
Attenuator 4 Section
4 BIT
D AICO Industr ies
193
310.507.3242 • FAX 310.507.5701 • www.daico.com


Similar Part No. - DAT48060

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DAT48062 DAICO-DAT48062 Datasheet
170Kb / 1P
Attenuator 4 Section
More results

Similar Description - DAT48060

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CAT48049 ETC1-CAT48049 Datasheet
30Kb / 1P
GaAs 4 SECTION ATTENUATOR
logo
DAICO Industries, Inc.
DA0784-1 DAICO-DA0784-1 Datasheet
177Kb / 1P
GaAs 4 Section Attenuator
DA0984-1 DAICO-DA0984-1 Datasheet
29Kb / 1P
GaAs 4 Section Attenuator
DAT41944 DAICO-DAT41944 Datasheet
164Kb / 1P
GaAs 4 Section Attenuator
DAT41994 DAICO-DAT41994 Datasheet
31Kb / 1P
GaAs 4 Section Attenuator
DAT42182 DAICO-DAT42182 Datasheet
168Kb / 1P
Attenuator 4 Section
DAT48062 DAICO-DAT48062 Datasheet
170Kb / 1P
Attenuator 4 Section
DAT49064 DAICO-DAT49064 Datasheet
26Kb / 1P
Attenuator 4 Section
CAT48049 DAICO-CAT48049 Datasheet
33Kb / 1P
GaAs 4 Section Attenuator
CAT48053 DAICO-CAT48053 Datasheet
33Kb / 1P
GaAs 4 Section Attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com