Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS3A202D Datasheet(PDF) 6 Page - Analog Technologies, Inc.

Part # ATLS3A202D
Description  Constant Current Laser Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS3A202D Datasheet(HTML) 6 Page - Analog Technologies, Inc.

  ATLS3A202D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/20/2022
Email: staff@analogti.com/sales@analogti.com
6
Analog Technologies
ATLS3A202D
Constant Current Laser Driver
OUTLINE DIMENSIONS AND MOUNTING
The driver comes in only one package: through hole mount,
being often called DIP (Dual Inline Package) or D (short
for DIP) package, and has a part number: ATLS3A202D.
The dimensions of the DIP package driver are shown in
Figure 8.
Figure 8. Dimensions of the DIP Package Driver
Figure 9 shows the top view PCB foot-print for mounting
the laser driver.
“Tent” (i.e. cover the entire via by the solder mask layer)
all the vias under the driver, otherwise, the vias can be
shorted by the bottom plate of the driver which is internally
connected the ground.
See Figure 9 and 10, it is recommended to use large copper
fills for VPS, LDC, and the LDA pins, and other pins if
possible, to decrease the thermal resistance between the
module and the supporting PCB, to lower the module
temperature.
Figure 9. Top View of the PCB Foot-print
Figure 10. Top View of the Bottom Side PCB Foot-print
Figure 10 shows the top view of the bottom side PCB foot-
print.
WARNING: This module can only be soldered
manually on the board by using a
solder iron of < 310ºC (590ºF), never
let the module go through a reflow
oven process.
ORDERING INFORMATION
Table 3 Part Number
Part Number
Description
ATLS3A202D
3A constant current driver in DIP package
Table 4 Unit Price
Quantity (pcs)
1
− 9
10
− 49
50
− 199
200
− 499
≥500
ATLS3A202D
$83.0
$80.4
$75.8
$71.2
$66.6



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com