Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS3A202D Datasheet(PDF) 4 Page - Analog Technologies, Inc.

Part # ATLS3A202D
Description  Constant Current Laser Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS3A202D Datasheet(HTML) 4 Page - Analog Technologies, Inc.

  ATLS3A202D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS3A202D Datasheet HTML 7Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/20/2022
Email: staff@analogti.com/sales@analogti.com
4
Analog Technologies
ATLS3A202D
Constant Current Laser Driver
software/firmware is utilized in the system, see Figure 5. A
typical micro-processor-based application circuit is shown
in Figure 5.
To ADC & DAC
To ADC
To micro-controller
To micro-controller
To signal GND
To power GND
To power supply
To DAC
To signal GND
To external clock
A
K
Laser diode
D1
LIO
6
VPS
12
PGND
10
LDGD
8
LDA
9
GND
3
2.5VR
4
LIS
5
PGND 11
GND 7
SYNC
2
SDN
1
Laser Driver
Figure 5. A Typical Micro-processor-based Application Schematic
Turning the Driver On and Off
The driver can be turned on and off by setting the SDN pin
high and lower respectively. It is recommended to turn the
driver on by this sequence:
To turn on: turn on the power by providing the power supply
voltage to the driver, turn on the driver by releasing the SDN
pin.
To turn off: turn off the driver by lowering the voltage of
SDN pin, turn off the power by stopping the voltage supply
on the VPS pin.
When not controlling by the SDN pin: leave it unconnected
and turn on and off the driver by the power supply.
Adjusting the Output Current
The output current is set by adjusting W1, which sets input
voltages on LIS, pin 5, see Figure 4. The output current will
be:
IOUT (A) = 1.2
× VLIS (V).
LIS can be configured by using a DAC, to replace the W1 in
Figure 4. Please make sure that the DAC has a low output
noise, or, if no modulation is needed, an RC low pass filtered
can be inserted between the DAC and the LIS pin.
The LIO pin indicates the actual output current of the laser
controller. It can still be used to monitor the output current.
When this pin’s voltage changes from 0V to 2.5V, it
indicates the laser current is from 0 to 3A linearly.
Monitoring the Output Current
The output current of the driver can be monitored by
measuring the voltage on the LIO pin. This feature is very
useful for micro-controller based system where an ADC is
available and monitoring the current in real time is required.
This pin provides a very low noise voltage signal which is
proportional to the output current:
VLIO (V) = 0.83
× IOUT (A).
For example, when the output current is 3A, the LIO pin
voltage is 2.5V.
The LIO pin can be used to drive an ADC directly, or
measured by a multimeter. Please be aware of this: using a
digital multimeter to measure the LIO pin’s voltage may
inject noise which is generated by the digital circuit of the
meter, this noise can be amplified by the laser controller and
shows up at the output pin, LDA. Therefore, it is not
recommended to use a digital meter to measure the LIO pin’s
voltage when the laser is working.
VVPS (V)
VLDAMAX
VLDAMIN
Normal
Operation
Region
IMAX = 3A
3.3
5
0.2
4.0
2.4
VLDA
(V)
Figure 6. VVPS & VLDA
Driver Power Consumption
The power consumption of the driver can be calculated by:
PDRIVER = IIN
× VVPS – IOUT × VLDA,
where IOUT is the output current;
IIN is the power supply input current;
VVPS is the power supply voltage;
VLDA is the voltage across the laser diode;
η = IOUT
× VLDA/(IIN × VVPS).
LDC



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com