Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS3A212D Datasheet(PDF) 13 Page - Analog Technologies, Inc.

Part # ATLS3A212D
Description  High Voltage Constant Current 3A Laser Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS3A212D Datasheet(HTML) 13 Page - Analog Technologies, Inc.

Back Button ATLS3A212D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 9Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 10Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 11Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 12Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 13Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 14Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 15Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 7/4/2022
Email: staff@analogti.com/sales@analogti.com
13
Analog Technologies
ATLS3A212
High Voltage Constant Current 3A Laser Driver
Figure 13 and Figure 14 show LIO signal waveforms. Load = 1Ω.
As shown in Figure 13, Figure 13.1 and Figure 13.2, when
a square wave of −100mV ~ +100mV, f = 100Hz, is
applied to LISL (LISH), measure the waveform of LIO.
The rise time should be about 100µs, and the fall time
should be about 100µs.
Figure 13. Small Signal Modulation
Figure 13.1. The Rise Signal Modulation
Figure 13.2. The Fall Signal Modulation
As shown in Figure 14, when a square wave of 0.5V ~
1.7V, f = 100Hz, and the red waveform is applied to
LISL (LISH), measure the waveform of LIO (yellow).
Figure 14. LIO Signal Waveform



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com