Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS3A212D Datasheet(PDF) 4 Page - Analog Technologies, Inc.

Part # ATLS3A212D
Description  High Voltage Constant Current 3A Laser Driver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS3A212D Datasheet(HTML) 4 Page - Analog Technologies, Inc.

  ATLS3A212D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS3A212D Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 7/4/2022
Email: staff@analogti.com/sales@analogti.com
4
Analog Technologies
ATLS3A212
High Voltage Constant Current 3A Laser Driver
Laser current indication signal at LIO
0~2.5
V
LIO indication accuracy
±0.2
%
Reference output voltage
2.5
±0.004
V
Output voltage range at LDA
0.2VVPS ~ 0.8VVPS
V
Output voltage at LDC
0.025×IOUT
V
Power supply voltage range
4.5~15
V
Maximum power supply voltage
16
V
Start-up time upon releasing the SBDN pin above 2.6V
20
ms
Shutdown time upon pulling the SBDN pin down
20
µs
Standby current
8
mA
Shutdown current
<2
µA
Operating case temperature
−40 ~ 110
°C
Operating ambient temperature
−40 ~ 85
°C
Table 3. Thermal Information
THERMAL METRIC
Value
Unit
RθIA
Internal-to-ambient thermal resistance
36
°C/W
RθIC (top) Internal -to-case (top) thermal resistance
7.5
°C/W
RθIB
Internal -to-board thermal resistance
24.5
°C/W
RθIC (bot) Internal -to-case (bottom) thermal resistance
4
°C/W
Note: The above values have a 20% margin of error.
Figure 3. Internal Block Diagram of ATLS3A212



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com