Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DHD08063 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DHD08063
Description  IF / AGC HYBRID
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DHD08063 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DHD08063 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
MODEL NO.
DHD08063
IF / AGC HYBRID
FEATURES
High Density Hybrid
65 dB Voltage Conversion Gain
63 dB Attenuation in 1 dB Steps
HDI
DA ICO
I ndustries
Rev. N/D / Iss. 1
Attenuation, Noise Figure and Compression
Adapts to Input Signal Levels
Parameter
Min Typ
Max Units
Conditions
Operating Freq.
IF Input
10
100
MHz
LO Input
10
100
MHz
IF Output
300
700
KHz
DC Current
39
50
mA
At +5 VDC Supply
39
50
mA
At -5 VDC Supply
130
150
mA
At +15 VDC Supply
22
30
mA
At -15 VDC Supply
Control Type
TTL
6 Line, See Table
Logic “0” = Thru
Control Current
High
±1
±100
µA
VIH = +2.7 V
Low
±1
±100
µA
VIL = +0.5 V
Conversion Voltage Gain
63
65
66
dB
Attenuation
LSB
1dB
Range
063dB
1, 2, 4, 8, 16, 32, 64 dB Bits
VSWR
1.2/1
2.0/1
Impedance
50
OHMS
At Input
510
OHMS
At Output
Switching Speed
1.6
µSec
Transition (Rise/Fall) Time
1.5
µSec
RF Power
At LO Input
-12
-10
-8
dBm
At IF Input
-35
dBm
At 0 dB Attenuation
+5
dBm
At 55 dB Attenuation
Initial Noise Figure
11.3
15
dB
Single Sideband, at
Minimum Attenuation
Operating Temperature
-40
+25
+100
°CTA
GUARANTEED PERFORMANCE
N/C = NO INTERNAL CONNECTION
1
16
17
32
1.00
.050
TYP
.015 ±.002
32 PLS
PART
IDENTIFICATION
CONTRASTING
COLOR BEAD
.75
.750
.072
.50 TYP
.010 ±.002
32 PLS
.195
TYP
.xx = .02
.xxx = .010
29
+15V
28
-15V
26
+5V
25
-5V
23
N/C
21
+5V
20
N/C
13
+15V
9
-5V
7
+5V
GND
1, 8, 11, 12, 14, 16,
17, 19, 22, 24, 27, 30
2
3
4
5
6
10
15
18
L.O.
IN
IF
IN
CB5
CB4
CB3
CB2
CB1
CB0
18
SW
RESISTOR
NETWORK
ADJ1
1-7 dB STEP
ATTEN
32
+
-
+
-
IF
OUT
HIGH
IMPEDANCE
31
8 dB
STEPS ATTEN
0/16 dB
50 Ω
AMPL
50 Ω
AMPL
0/16 dB
0/16 dB
MIXER
UN BAL TO BAL
DRIVE CKT
WTA


Similar Part No. - DHD08063

ManufacturerPart #DatasheetDescription
logo
DAICO Industries, Inc.
DHD01988 DAICO-DHD01988 Datasheet
133Kb / 1P
Coupler/Threshold Detector
DHD05071 DAICO-DHD05071 Datasheet
127Kb / 1P
Coupler/Threshold Detector
DHD06179 DAICO-DHD06179 Datasheet
27Kb / 1P
Switch-Amplifier
More results

Similar Description - DHD08063

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
RF2658 RFMD-RF2658 Datasheet
114Kb / 10P
TRANSMIT MODULATOR, IF AGC, AND UPCONVERTER
logo
Sony Corporation
CXA3174N SONY-CXA3174N Datasheet
158Kb / 10P
AGC IF for GSM/PCS
logo
Samsung semiconductor
S1M8657 SAMSUNG-S1M8657 Datasheet
281Kb / 34P
TX IF/BBA WITH AGC
logo
List of Unclassifed Man...
ISG510067 ETC1-ISG510067 Datasheet
209Kb / 7P
DTV IF AGC AMPLIFIER
logo
Intersil Corporation
HFA3765 INTERSIL-HFA3765 Datasheet
658Kb / 6P
AGC and Quadrature IF Demodulator
February 1998
logo
Zarlink Semiconductor I...
ZL10060 ZARLINK-ZL10060 Datasheet
312Kb / 38P
MOPLL with IF AGC Amplifier
logo
SIRENZA MICRODEVICES
S510067 SIRENZA-S510067 Datasheet
163Kb / 6P
DTV IF AGC AMPLIFIER
logo
Infineon Technologies A...
TUA6039-2 INFINEON-TUA6039-2 Datasheet
1Mb / 64P
3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Revision 2.6, August 2007
TUA6039F-2 INFINEON-TUA6039F-2 Datasheet
1Mb / 62P
3 Band Digital / Hybrid Tuner IC with integrated IF AGC amplifier
Revision 2.0, July 2007
logo
Hittite Microwave Corpo...
HMC992LP5E HITTITE-HMC992LP5E Datasheet
1Mb / 22P
IF AUTOMATIC GAIN CONTROLLER (IF-AGC), 50 - 800 MHz
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com