Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS4A217D Datasheet(PDF) 13 Page - Analog Technologies, Inc.

Part # ATLS4A217D
Description  High Voltage Constant Current 4A Laser Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS4A217D Datasheet(HTML) 13 Page - Analog Technologies, Inc.

Back Button ATLS4A217D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 9Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 10Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 11Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 12Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 13Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 14Page - Analog Technologies, Inc.  
Zoom Inzoom in Zoom Outzoom out
 13 / 14 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
13
Analog Technologies
ATLS4A217
High Voltage Constant Current 4A Laser Driver
It is highly recommended to lower solder iron
temperature to 310°C (590°F) and solder the driver
manually, so that the internal contents of the driver would
not be affected.
After the soldering, it is also safe to check the laser driver’s
functionality by using the “dummy laser” before connecting
a real laser diode as mentioned previously on page 4.
NOTE: The power supplies may have over-shoot voltage
spikes when they are not connected well with the load or
when they recover from an over current protection state.
When happens, it may exceed the maximum allowed input
voltage, 27V, of the controller and damage the controller
permanently. To avoid this from happening, do the
following:
1. Connect the controller well with the power supply before
turning on the power.
2. Make sure that the power supply has sufficient output
current. It is suggested that the power supply can
supply 1.2 to 1.5 times the maximum current the
controller requires.
3. When using a bench top power supply, set the current
limit to >1.5 times higher than the maximum current the
controller requires.
4. This laser driver can be evaluated by our evaluation board,
ATLS216EV1.0.
ORDERING INFORMATION
Table 5. Part Number
Part Number
Description
ATLS4A217D
4A constant current driver in DIP package
Table 6. Unit Price
Quantity (pcs)
1
− 9
10
− 49
50
− 199
200
−499
≥500
Unit Price
$147.0
$141.8
$131.3
$126.0
$120.8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com