Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ATLS4A217D Datasheet(PDF) 4 Page - Analog Technologies, Inc.

Part # ATLS4A217D
Description  High Voltage Constant Current 4A Laser Driver
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ANALOGTECHNOLOGIES [Analog Technologies, Inc.]
Direct Link  https://www.analogtechnologies.com/
Logo ANALOGTECHNOLOGIES - Analog Technologies, Inc.

ATLS4A217D Datasheet(HTML) 4 Page - Analog Technologies, Inc.

  ATLS4A217D Datasheet HTML 1Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 2Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 3Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 4Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 5Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 6Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 7Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 8Page - Analog Technologies, Inc. ATLS4A217D Datasheet HTML 9Page - Analog Technologies, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
1161 Ringwood Ct, #110, San Jose, CA 95131, U. S. A. Tel.: (408) 748-9100, Fax: (408) 770-9187
www.analogtechnologies.com
Copyrights 2000-2022, Analog Technologies, Inc. All Rights Reserved. Updated on 1/24/2022
Email: staff@analogti.com/sales@analogti.com
4
Analog Technologies
ATLS4A217
High Voltage Constant Current 4A Laser Driver
SPECIFICATIONS
Table 3. Characteristics (TAMBIENT= 25
°C)
Parameter
Value
Unit
Power efficiency
IOUT = 4A, VLDA =20V & VVPS = 27V.
90
%
Maximum output current
4
A
Low frequency output current noise,
peak-to-peak value, 0.1Hz to 10Hz,
<15
µAP-P
Stability @ 4A &
−20°C ∼80°C
<
±0.01
%
<
±650
µA
Laser current control signal at LISL and LISH
0~2.5
V
LISL and LISH control accuracy
±0.1
%
Laser current indication signal at LIO
0~2.5
V
LIO indication accuracy
±0.2
%
Reference output voltage
2.5
± 0.004
V
Output voltage range at LDA
0.2VVPS to 0.8VVPS
V
Output voltage at LDC
0.004×IOUT
V
Power supply voltage range
5.5 ~27
V
Maximum power supply voltage
28
V
Start-up time upon releasing the SBDN pin above 2.6V
20
ms
Shutdown time upon pulling the SBDN pin down
20
µs
Standby current
8
mA
Shutdown current
<2
µA
Operating case temperature
−40 ~ 110
°C
Operating ambient temperature
−40 ~ 85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com