Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DX0907 Datasheet(PDF) 1 Page - DAICO Industries, Inc.

Part # DX0907
Description  Attenuator and Power Amplifier
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAICO [DAICO Industries, Inc.]
Direct Link  http://www.daico.com
Logo DAICO - DAICO Industries, Inc.

DX0907 Datasheet(HTML) 1 Page - DAICO Industries, Inc.

  DX0907 Datasheet HTML 1Page - DAICO Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Rev. N/D / Iss. 1
(FLANGE)
(LEAD)
.20
.015
.010 ±.002
TYP
.77
.100 TYP
.053 R TYP
1
12
13
24
COLOR BEAD
CONTRASTING
PART IDENTIFICATION
.015 ±.002
TYP
.040 TYP
.60 TYP
.375 TYP
1.100
.100 TYP
1.36
1.560
.xx = .02
.xxx = .010
RF
INPUT
GND
4
3
2
1
GND GND
50
5
6
7
+10V -12V +5V GND
11
9
8
GND
GND
10
GND
RF
OUTPUT
12
50
GND
24
23
22
21
20
19
18
17
16
15
GND
14
13
D1
D2
SWITCH
SP4T
20 dB
40 dB
SWITCH
SP4T
LIMITER
THRU
AMP
DRIVER LOGIC
ISO
40 dB 20 dB
THRU
Parameter
Min Typ
Max Units
Conditions
Operating Frequency
100
400
MHz
DC Current
100
mA
At +10 VDC Supply
50
mA
At +5 VDC Supply
50
mA
At -12 VDC Supply
Control Type
TTL
2 Line
Control Current
High
±40
µA
VIH = +2.7V
Low
±40
µA
VIL = +0.5V
Insertion Gain
18
dB
Insertion Flatness
±0.5
dB
Noise Figure
4.5
dB
Isolation
40
dB
When Input Terminated
Attenuation
LSB
20
dB
Range
0
40
dB
20, 40 Non-Additive
Accuracy
±1.0
dB
VSWR
2.5/1
Impedance
50
OHMS
Switching Speed
200
nSec
50% TTL to 90% / 10% RF
RF Power
Operate
-10
dBm
1.0 dB Compression
No Damage
+20
dBm
Operating Temperature
-55
+25
+85
°C
TA
G U A R A N T EE D PE R F O R M A N C E
MODEL NO.
D X 0 9 0 7
Attenuator and Power Amplifier
F E AT U R E S
1 00 - 400 MHz
18 dB Gain
±0.5 dB Flatness
Input Can Be Terminated
Limiter for Amplifier Protection
24 Pin Surface Mount Package
M F D
D A I C O
I n d u s t r i e s
A d v a n c e d
R e l e a s e


Similar Part No. - DX0907

ManufacturerPart #DatasheetDescription
logo
Beijing Yaohuadechang E...
DX091 YHDC-DX091 Datasheet
9Mb / 1P
Driving Transformer
DX091-101 YHDC-DX091-101 Datasheet
9Mb / 1P
Driving Transformer
DX091-1111 YHDC-DX091-1111 Datasheet
9Mb / 1P
Driving Transformer
DX091-X096 YHDC-DX091-X096 Datasheet
9Mb / 1P
Driving Transformer
logo
Elektron Components Ltd...
DX0928 BULGIN-DX0928 Datasheet
1Mb / 26P
POLYSNAP짰 POWER INLET MODULES
More results

Similar Description - DX0907

ManufacturerPart #DatasheetDescription
logo
Micro Linear Corporatio...
ML2751 MICRO-LINEAR-ML2751 Datasheet
153Kb / 10P
Power Amplifier and LNA
logo
ANADIGICS, Inc
ARA1400 ANADIGICS-ARA1400 Datasheet
284Kb / 12P
Reverse Amplifier with Step Attenuator
REV 2.1
logo
DAICO Industries, Inc.
CHD01940 DAICO-CHD01940 Datasheet
39Kb / 1P
Switch-Attenuator Amplifier HDMIC
DA0900 DAICO-DA0900 Datasheet
23Kb / 1P
Dual Attenuator / Amplifier
logo
Agilent(Hewlett-Packard...
N7751A HP-N7751A Datasheet
315Kb / 8P
Optical Attenuator and Power Meter
logo
M/A-COM Technology Solu...
XX1001-BD MA-COM-XX1001-BD Datasheet
774Kb / 7P
Doubler and Power Amplifier
XX1001-QK MA-COM-XX1001-QK Datasheet
690Kb / 7P
Doubler and Power Amplifier
XX1001-BD MA-COM-XX1001-BD_15 Datasheet
774Kb / 7P
Doubler and Power Amplifier
XX1001-QK MA-COM-XX1001-QK_15 Datasheet
690Kb / 7P
Doubler and Power Amplifier
logo
Micrel Semiconductor
PL902XXX MICREL-PL902XXX Datasheet
482Kb / 10P
Lowest power and smallest programmable jitter attenuator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com