Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9921 Datasheet(PDF) 3 Page - Supertex, Inc

Part # HV9921
Description  3-Pin Switch-Mode LED Lamp Driver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9921 Datasheet(HTML) 3 Page - Supertex, Inc

  HV9921 Datasheet HTML 1Page - Supertex, Inc HV9921 Datasheet HTML 2Page - Supertex, Inc HV9921 Datasheet HTML 3Page - Supertex, Inc HV9921 Datasheet HTML 4Page - Supertex, Inc HV9921 Datasheet HTML 5Page - Supertex, Inc HV9921 Datasheet HTML 6Page - Supertex, Inc HV9921 Datasheet HTML 7Page - Supertex, Inc HV9921 Datasheet HTML 8Page - Supertex, Inc HV9921 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
HV9921/22
NR040805
3
Functional Block Diagram
V
DD
REF
+
-
R
DRAIN
GND
HV9921/22
S
R
Q
Q
Regulator
7.0V
T
OFF = 10µs
T
BLANK = 300ns
Pin Configuration
TO-243AA (SOT-89)
TO-92
DRAIN
– This is a drain terminal of the output
switching MOSFET and a linear regulator input.
VDD – This is a power supply pin for all control circuits.
Bypass this pin with a 0.1uF low impedance capacitor.
GND
– This is a common connection for all circuits.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com