Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HV9921 Datasheet(PDF) 4 Page - Supertex, Inc

Part # HV9921
Description  3-Pin Switch-Mode LED Lamp Driver IC
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

HV9921 Datasheet(HTML) 4 Page - Supertex, Inc

  HV9921 Datasheet HTML 1Page - Supertex, Inc HV9921 Datasheet HTML 2Page - Supertex, Inc HV9921 Datasheet HTML 3Page - Supertex, Inc HV9921 Datasheet HTML 4Page - Supertex, Inc HV9921 Datasheet HTML 5Page - Supertex, Inc HV9921 Datasheet HTML 6Page - Supertex, Inc HV9921 Datasheet HTML 7Page - Supertex, Inc HV9921 Datasheet HTML 8Page - Supertex, Inc HV9921 Datasheet HTML 9Page - Supertex, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HV9921/22
NR040805
4
Typical Performance Characteristics (T
J = 25°C unless otherwise noted)
19
20
21
22
23
24
25
-40
-15
10
35
60
85
110
Junction Tem perature, °C
0
20
40
60
80
100
120
140
160
180
200
-40
-15
10
35
60
85
110
Junction Tem perature, °C
490
500
510
520
530
540
550
560
570
580
-40
-15
10
35
60
85
110
Junction Tem perature, °C
0
20
40
60
80
100
120
140
160
180
010
20
30
40
DRAIN Voltage, V
0
2
4
6
8
10
12
-40
-15
10
35
60
85
110
Junction Tem perature, °C
1
10
100
1000
010
20
30
40
DRAIN Voltage (V)
HV9921
TJ = 25°C
TJ = 125°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com