Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1813 Datasheet(PDF) 2 Page - Supertex, Inc

Part # MD1813
Description  High Speed Quad MOSFET Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1813 Datasheet(HTML) 2 Page - Supertex, Inc

  MD1813 Datasheet HTML 1Page - Supertex, Inc MD1813 Datasheet HTML 2Page - Supertex, Inc MD1813 Datasheet HTML 3Page - Supertex, Inc MD1813 Datasheet HTML 4Page - Supertex, Inc MD1813 Datasheet HTML 5Page - Supertex, Inc MD1813 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
NR031706
MD1813
Note: Thermal pad and pin #4, V
NEG must be connected externally.
Pin #
Function
Description
1IN
B
Logic input. Controls OUT
B when OE is high..
2V
L
Supply voltage for N-channel output stage.
3
GND
Device ground.
4V
NEG
Supply voltage the auxiliary gate drive.
5IN
C
Logic input. Controls OUT
C when OE is high.
6IN
D
Logic input. Controls OUT
D when OE is high.
7V
SS
Supply voltage for low-side analog, level shifter, and gate drive circuit.
8
OUT
D
Output driver.
9
OUT
C
Output driver.
10
OUT
G
Auxiliary output driver.
11
V
H
Supply voltage for P-channel output stage
12
OUT
B
Output driver.
13
OUT
A
Output driver.
14
V
DD
Supply voltage for high-side analog, level shifter, and gate drive circuit.
15
IN
A
Logic input. Controls OUT
A when OE is high.
16
OE
Output enable logic input.
Device
Package Option
16-lead 4x4x0.9 QFN
MD1813
MD1813K6-G
-G indicates package is RoHS compliant (‘Green’)
16-Lead QFN (K6) Package
1
9
16
13
4
12
58
Top View
MD1813
Pin Description
16-Lead QFN (K6) Pin Configuration



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com