Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MD1813 Datasheet(PDF) 3 Page - Supertex, Inc

Part # MD1813
Description  High Speed Quad MOSFET Driver
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUTEX [Supertex, Inc]
Direct Link  http://www.supertex.com
Logo SUTEX - Supertex, Inc

MD1813 Datasheet(HTML) 3 Page - Supertex, Inc

  MD1813 Datasheet HTML 1Page - Supertex, Inc MD1813 Datasheet HTML 2Page - Supertex, Inc MD1813 Datasheet HTML 3Page - Supertex, Inc MD1813 Datasheet HTML 4Page - Supertex, Inc MD1813 Datasheet HTML 5Page - Supertex, Inc MD1813 Datasheet HTML 6Page - Supertex, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
NR031706
MD1813
Absolute Maximum Ratings
Symbol
Parameter
Min
Typ
Max
Units
Conditions
Parameter
Value
V
DD-VSS, Logic Supply Voltage
-0.5V to +13.5V
V
H, Output High Supply Voltage
V
L-0.5V to VDD+0.5V
V
L, Output Low Supply Voltage
V
SS-0.5V to VH+0.5V
Vss, Low Side Supply Voltage
-7V to +0.5V
V
NEG-VSS, Negative Supply Voltage
V
SS-13.5V to VSS+0.5V
Logic Input Levels
V
SS-0.5V to VSS+7V
Maximum Junction Temperature
+125°C
Storage Temperature
-65°C to 150°C
Soldering Temperature
235°C
Package Power Dissipation
2.2W
V
DD-VSS
Logic supply voltage
4.5
-
13
V
---
V
SS
Low side supply voltage
-5.5
-
0
V
---
V
H
Output high supply voltage
V
SS+2
-
V
DD
V
---
V
L
Output low supply voltage
V
SS
-V
DD-2
V
---
V
NEG
Negative supply voltage
-13
-
V
SS-2
V
May connect to V
SS if OUTG not used
I
DDQ
V
DD quiescent current
-
0.9
-
mA
---
I
HQ
V
H quiescent current
-
-
10
µA
I
NEGQ
V
NEG quiescent current
120
-
µA
I
DD
V
DD average current
-
8.0
-
mA
V
H = VDD = 12V, VSS = VLL = GND = 0V,
V
NEG = -12V,
One channel on at 5.0Mhz, No load
I
H
V
H average current
-
22
-
mA
I
NEG
V
NEG average current
-
1.0
-
mA
V
IH
Input logic voltage high
V
OE-0.3
-
5.0
V
For logic inputs IN
A, INB, INC, and IND
V
IL
Input logic voltage low
0
-
0.3
V
I
IH
Input logic current high
-
-
1.0
µA
I
IL
Input logic current low
-
-
1.0
µA
V
IH
OE Input logic voltage high
1.8
-
5.0
V
For logic input OE
V
IL
OE Input logic voltage low
0
-
0.3
V
R
IN
Input logic impedance to GND
12
20
30
KΩ
C
IN
Logic input capacitance
-
5.0
10
pF
---
Absolute Maximum Ratings are those values beyond which damage to the
device may occur. Functional operation under these conditions is not implied.
Continuous operation of the device at the absolute rating level may affect
device reliability. All voltages are referenced to device ground.
DC Electrical Characteristics
(V
H = VDD = 12V, VL = VSS = GND = 0V, VNEG = -12V, VOE = 3.3V, TJ = 25
OC)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com