Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-ST230SVPBF Datasheet(PDF) 4 Page - Vishay Siliconix

Part # VS-ST230SVPBF
Description  Phase Control Thyristors (Stud Version), 230 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ST230SVPBF Datasheet(HTML) 4 Page - Vishay Siliconix

  VS-ST230SVPBF Datasheet HTML 1Page - Vishay Siliconix VS-ST230SVPBF Datasheet HTML 2Page - Vishay Siliconix VS-ST230SVPBF Datasheet HTML 3Page - Vishay Siliconix VS-ST230SVPBF Datasheet HTML 4Page - Vishay Siliconix VS-ST230SVPBF Datasheet HTML 5Page - Vishay Siliconix VS-ST230SVPBF Datasheet HTML 6Page - Vishay Siliconix VS-ST230SVPBF Datasheet HTML 7Page - Vishay Siliconix VS-ST230SVPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
VS-ST230S...VPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 23-Apr-2020
4
Document Number: 96113
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 1 - Current Ratings Characteristics
Fig. 2 - Current Ratings Characteristics
Fig. 3 - On-State Power Loss Characteristics
Fig. 4 - On-State Power Loss Characteristics
80
90
100
110
120
130
30°
60°
90°
120°
180°
Average On-State Current (A)
Conduction angle
R
thJC (DC) = 0.1 K/W
Ø
0
50
100
150
200
250
70
80
90
100
110
120
130
0
100
200
300
400
DC
30°
60°
90°
120°
180°
Average On-State Current (A)
Conduction period
R
thJC (DC) = 0.1 K/W
Ø
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
0.1
6 K
/W
0.2
K/W
0.3
K/W
0.4
K /W
0.5 K
/W
0.8 K/W
1.2 K/W
0
50
100
150
200
250
300
350
0
50
100
150
200
250
180°
120°
90°
60°
30°
RMS Limit
Conduction angle
Average On-State Current (A)
T
J
= 125 °C
Ø
50
75
100
125
Maximum Allowable Ambient Temperature (°C)
th
SA
0.1
K
/W
0.1
6 K
/W
0.2
K /W
0.3 K
/W
0.4 K
/W
0.5 K/W
0.8 K/W
1.2 K/W
0
50
100
150
200
250
300
350
400
450
0
50
100
150
200
250
300
350
400
DC
180°
120°
90°
60°
30°
RMS Limit
Conduction period
Average On-State Current (A)
T = 125 °C
J
Ø



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com