Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

VS-ST230SVPBF Datasheet(PDF) 5 Page - Vishay Siliconix

Part # VS-ST230SVPBF
Description  Phase Control Thyristors (Stud Version), 230 A
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

VS-ST230SVPBF Datasheet(HTML) 5 Page - Vishay Siliconix

  VS-ST230SVPBF Datasheet HTML 1Page - Vishay Siliconix VS-ST230SVPBF Datasheet HTML 2Page - Vishay Siliconix VS-ST230SVPBF Datasheet HTML 3Page - Vishay Siliconix VS-ST230SVPBF Datasheet HTML 4Page - Vishay Siliconix VS-ST230SVPBF Datasheet HTML 5Page - Vishay Siliconix VS-ST230SVPBF Datasheet HTML 6Page - Vishay Siliconix VS-ST230SVPBF Datasheet HTML 7Page - Vishay Siliconix VS-ST230SVPBF Datasheet HTML 8Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
VS-ST230S...VPbF Series
www.vishay.com
Vishay Semiconductors
Revision: 23-Apr-2020
5
Document Number: 96113
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Fig. 5 - Maximum Non-Repetitive Surge Current
Fig. 6 - Maximum Non-Repetitive Surge Current
Fig. 7 - On-State Voltage Drop Characteristics
Fig. 8 - Thermal Impedance ZthJC Characteristics
2000
2500
3000
3500
4000
4500
5000
5500
1
10
100
Number Of Equal Amplitude
Half Cycle Current Pulses (N)
Initial T
J = 125 °C
at 60 Hz 0.0083 s
at 50 Hz 0.0100 s
At any rated load condition and with
rated V
RRM applied following surge.
2000
2500
3000
3500
4000
4500
5000
5500
6000
0.01
0.1
1
Pulse Train Duration (s)
Initial T
J = 125 °C
No voltage reapplied
Rated V
RRM reapplied
Maximum non repetitive surge current vs.
pulse drain duration.
Control of conduction may not be maintained.
Instantaneous On-State Voltage (V)
10
100
1000
10 000
0.5
1.5
2.5
3.5
4.5
T
J = 25 °C
T
J = 125 °C
0.001
0.01
0.1
1
0.001
0.01
0.1
1
10
Square Wave Pulse Duration (s)
Steady state value
R
thJC = 0.1 K/W
(DC operation)



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com